Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

595D Datasheet (PDF) - Vishay Siliconix

595D Datasheet PDF - Vishay Siliconix
Part # 595D
Download  595D Download
File Size   334.58 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV

595D Datasheet (PDF)

Go To PDF Page Download Datasheet
595D Datasheet PDF - Vishay Siliconix

Part # 595D
Download  595D Click to download

File Size   334.58 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV

595D Datasheet (HTML) - Vishay Siliconix


595D Product details

• Large capacitance rating range
• Terminations: 100 % tin (2) standard,
tin / lead available
• 8 mm, 12 mm tape and reel packaging available
per EIA 481 and reeling per IEC 60286-3.
7" [178 mm] standard. 13" [330 mm] available
• Case code compatibility with EIA 535BAAC
and CECC 30801
• All cases except R case are halogen-free




Similar Part No. - 595D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D VISHAY-595D Datasheet
115Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
04-Sep-06
595D VISHAY-595D Datasheet
338Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
19-Aug-13
595D VISHAY-595D Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
595D104X-050T2T VISHAY-595D104X-050T2T Datasheet
115Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
04-Sep-06
595D104X_050T2T VISHAY-595D104X_050T2T Datasheet
120Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
18-Jan-08
More results


Similar Description - 595D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
08-Jan-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
08-Jan-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
24-Jun-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
19-Aug-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
19-Aug-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
20-Jan-14
572D VISHAY-572D_17 Datasheet
931Kb / 20P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
23-Nov-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com