Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9877 Datasheet (PDF) - Analog Devices

AD9877 Datasheet PDF - Analog Devices
Part # AD9877
Download  AD9877 Download
File Size   491.29 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Set-Top Box, Cable Modem

AD9877 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9877 Datasheet PDF - Analog Devices

Part # AD9877
Download  AD9877 Click to download

File Size   491.29 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Set-Top Box, Cable Modem

AD9877 Datasheet (HTML) - Analog Devices


AD9877 Product details

FEATURES
Low cost 3.3 V CMOS MxFE™ for
MCNS-DOCSIS-, DVB-, DAVIC-compliant
set-top box and cable modem applications
232 MHz quadrature digital upconverter
12-bit direct IF DAC (TxDAC+®)
Up to 65 MHz carrier frequency DDS
Programmable sampling clock rates
Selectable interpolation filter
Analog Tx output level adjust
12-bit, 33 MSPS direct IF ADC
Dual 8-bit, 16.5 MSPS sampling IQ ADCs
Two 12-bit Σ-Δ auxiliary DACs
Direct interface to AD8321/AD8325 or
AD8322/AD8327 PGA cable driver




Similar Part No. - AD9877

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9877-EB AD-AD9877-EB Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9877ABS AD-AD9877ABS Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
More results


Similar Description - AD9877

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873 AD-AD9873 Datasheet
935Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
14-Jul-2000
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9879 AD-AD9879 Datasheet
364Kb / 24P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV.0
logo
List of Unclassifed Man...
MT2050 ETC1-MT2050 Datasheet
288Kb / 2P
CABLE MODEM TUNER AND DIGITAL SET-TOP BOX APPLICATIONS
logo
TOKO, Inc
DIP1A TOKO-DIP1A Datasheet
421Kb / 4P
DIPLEXER FOR CABLE MODEM / DIGITAL SET-TOP BOX
logo
Analog Devices
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
Diplexers for Digital CATV Set Top Box and Cable Modem
logo
Analog Devices
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com