Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXB7843 Datasheet (PDF) - Maxim Integrated Products

MXB7843 Datasheet PDF - Maxim Integrated Products
Part # MXB7843
Download  MXB7843 Download
File Size   508.14 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.375V to 5.25V, 4-Wire Touch-Screen

MXB7843 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXB7843 Datasheet PDF - Maxim Integrated Products

Part # MXB7843
Download  MXB7843 Click to download

File Size   508.14 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.375V to 5.25V, 4-Wire Touch-Screen

MXB7843 Datasheet (HTML) - Maxim Integrated Products


MXB7843 Product details

General Description
The MXB7843 is an industry-standard 4-wire touchscreen controller. It contains a 12-bit sampling analogto-digital converter (ADC) with a synchronous serial interface and low on-resistance switches for driving resistive touch screens. The MXB7843 uses an external reference. The MXB7843 can make absolute or ratio metric measurements. The MXB7843 has two auxiliary ADC inputs. All analog inputs are fully ESD protected, eliminating the need for external TransZorb™ devices.

Features
♦ ESD-Protected ADC Inputs
    ±15kV IEC 61000-4-2 Air-Gap Discharge
    ±8kV IEC 61000-4-2 Contact Discharge
♦ Pin Compatible with MXB7846
♦ +2.375V to +5.25V Single Supply
♦ 4-Wire Touch-Screen Interface
♦ Ratiometric Conversion
♦ SPI™/QSPI™, 3-Wire Serial Interface
♦ Programmable 8-/12-Bit Resolution
♦ Two Auxiliary Analog Inputs
♦ Automatic Shutdown Between Conversions
♦ Low Power
    270µA at 125ksps
    115µA at 50ksps
    25µA at 10ksps
    5µA at 1ksps
    2µA Shutdown Current

Applications
    Personal Digital Assistants
    Portable Instruments
    Point-of-Sales Terminals
    Pagers
    Touch-Screen Monitors
    Cellular Phones




Similar Part No. - MXB7843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843EEE MAXIM-MXB7843EEE Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843EUE MAXIM-MXB7843EUE Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843 MAXIM-MXB7843_05 Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
More results


Similar Description - MXB7843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7846 MAXIM-MXB7846 Datasheet
967Kb / 23P
2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
Rev 1; 5/04
MXB7843 MAXIM-MXB7843_05 Datasheet
519Kb / 21P
2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
logo
Rohm
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
4-wire resistive Touch Screen Controller
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
4-wire Resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
4-wire Resistive Touch Screen Controller
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
4-wire resistive touch screen controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com