Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75829PW Datasheet (PDF) - ON Semiconductor

LC75829PW Datasheet PDF - ON Semiconductor
Part # LC75829PW
Download  LC75829PW Download
File Size   357.09 Kbytes
Page   23 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Duty General-Purpose LCD Driver

LC75829PW Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75829PW Datasheet PDF - ON Semiconductor

Part # LC75829PW
Download  LC75829PW Click to download

File Size   357.09 Kbytes
Page   23 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Duty General-Purpose LCD Driver

LC75829PW Datasheet (HTML) - ON Semiconductor


LC75829PW Product details

Overview
The LC75829PE and LC75829PW are 1/4 duty and 1/3 duty general-purpose microprocessor-controlled LCD drivers that can be used in applications such as frequency display in products with electronic tuning.
In addition to being able to drive up to 208 segments directly, the LC75829PE and LC75829PW can also control up to 4 general-purpose output ports. Incorporation of an oscillation circuit helps to reduce the number of external resistors and capacitors required.

Features
• Support for 1/4-duty 1/3-bias or 1/3-duty 1/3-bias drive techniques under serial data control.
   When 1/4-duty: Capable of driving up to 208 segments
   When 1/3-duty: Capable of driving up to 159 segments
• Serial data input supports CCB format communication with the system controller. (Support 3.3V and 5V operation)
• Serial data control of the power-saving mode based backup function and the all segments forced off function.
• Serial data control of switching between the segment output port and general-purpose output port function.
   (Support for up to 4 general-purpose output ports)
• Support for clock output function of 1ch.
• Serial data control of the frame frequency of the common and segment output waveforms.
• Serial data control of switching between the internal oscillator operating mode and external clock operating mode.
• High generality, since display data is displayed directly without the intervention of a decoder circuit.
• The INH pin allows the display to be forced to the off state.
• Incorporation of an oscillator circuit. (Incorporation of resistor and capacitor for an oscillation)




Similar Part No. - LC75829PW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75829PW SANYO-LC75829PW Datasheet
172Kb / 22P
1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75829PW ONSEMI-LC75829PW Datasheet
207Kb / 22P
LCD Display Driver
July, 2013
More results


Similar Description - LC75829PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
Duty General-Purpose LCD Driver
October, 2013
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
Duty General-Purpose LCD Driver
October, 2013
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
Duty General-Purpose LCD Driver
January 2015 - Rev. 0
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
Duty General-Purpose LCD Driver
July, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com