Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT706HT Datasheet (PDF) - Power Semiconductors

AT706HT Datasheet PDF - Power Semiconductors
Part # AT706HT
Download  AT706HT Download
File Size   217.95 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description PHASE CONTROL THYRISTOR

AT706HT Datasheet (PDF)

Go To PDF Page Download Datasheet
AT706HT Datasheet PDF - Power Semiconductors

Part # AT706HT
Download  AT706HT Click to download

File Size   217.95 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description PHASE CONTROL THYRISTOR

AT706HT Datasheet (HTML) - Power Semiconductors


AT706HT Product details

PHASE CONTROL THYRISTOR

Repetitive voltage up to 800 V
Mean forward current 4307 A
Surge current 70 kA




Similar Part No. - AT706HT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AT706 POSEICO-AT706 Datasheet
44Kb / 4P
PHASE CONTROL THYRISTOR
AT706LT POSEICO-AT706LT Datasheet
156Kb / 4P
PHASE CONTROL THYRISTOR
AT706LTS08 POSEICO-AT706LTS08 Datasheet
156Kb / 4P
PHASE CONTROL THYRISTOR
AT706S08 POSEICO-AT706S08 Datasheet
44Kb / 4P
PHASE CONTROL THYRISTOR
More results


Similar Description - AT706HT

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com