Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE2014 Datasheet (PDF) - NTE Electronics

NTE2014 Datasheet PDF - NTE Electronics
Part # NTE2014
Download  NTE2014 Download
File Size   23.62 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 7-Channel Darlington Array/Driver

NTE2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2014 Datasheet PDF - NTE Electronics

Part # NTE2014
Download  NTE2014 Click to download

File Size   23.62 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 7-Channel Darlington Array/Driver

NTE2014 Datasheet (HTML) - NTE Electronics


NTE2014 Product details

Description:

The NTE2011 through NTE2015 are high–voltage, high–current Darlington arrays in a 16–Lead DIP type package and are comprised of seven silicon NPN Darlington pairs on a common monolithic sub strate. All units have open–collector outputs and integral diodes for inductive load transient suppres sion. Peak inrush currents to 600mA (NTE2011, NTE2013, NTE2014) or 750mA (NTE2012, NTE2015) are permissible, making them ideal for driving tungstun filament lamps. The NTE2011 is a general purpose array that may be used with standard bi–polar digital logic using external current limiting, or with most PMOS or CMOS directly. This device is pinned with outputs opposite inputs to facilitate printed wiring board layouts. The NTE2012 is designed for use with 14V to 25V PMOS devices. Each input has a Zener diode and resistor in series to limit the input current to a safe value in that application. The Zener diode also gives this device excellent noise immunity.



Absolute Maximum Ratings: (TA = +25°C for any one Darlington pair unless otherwise specified)

Output Voltage, VCE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V

Input Voltage, VIN

   NTE2012, NTE2013, NTE2014
 . . . . . . . . . . . . . . . . . . . . . .30V

   NTE2015 . .  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V

Continuous Collector Current. IC

  NTE2011, NTE2013, NTE2014
 . . . . . . . . . . . . . . . . . . . . . . . . . 500mA 

  NTE2012, NTE2015
 . . . . . . . . . . . . . . . . . . . . .. . . . .. . . . . . . . . . 600mA 

Continuous Input Current, IIN . . . . . . . . . . . . . . . . . . . . . . 25mA Power Dissipation, PD

  One Darlington Pair
 . . . . . . . . . . . . . . . . . . . . . . . . . 1W 

  Total Device (Note 1)
 . . . . . . . . . . . . . . . . . . . . . . . . .2W

Operating Ambient Temperature Range, TA .. . . . . . . . . . . .. . .. –20° to +85°C

Storage Temperature Range, Tstg . . . . . . .  . . . . . . . . . .  . . . . . –55° to +150°C



 




Similar Part No. - NTE2014

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2016 NTE-NTE2016 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
NTE2017 NTE-NTE2017 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
NTE2018 NTE-NTE2018 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
NTE2019 NTE-NTE2019 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
More results


Similar Description - NTE2014

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2016 NTE-NTE2016 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
Integrated Circuit 7-Stage Darlington Transistor Array
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
Integrated Circuit 7-Stage Driver Array
NTE2090 NTE-NTE2090 Datasheet
21Kb / 2P
Integrated Circuit 7-Channel Transistor Array
logo
KEC(Korea Electronics)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
logo
Guangdong Youtai Semico...
ULN2003A UMW-ULN2003A Datasheet
416Kb / 6P
Darlington array power driver integrated circuit
ULN2803 UMW-ULN2803 Datasheet
289Kb / 6P
Darlington array power driver integrated circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com