Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2LZ47 Datasheet (PDF) - Toshiba Semiconductor

SM2LZ47 Datasheet PDF - Toshiba Semiconductor
Part # SM2LZ47
Download  SM2LZ47 Download
File Size   187.88 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM2LZ47 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM2LZ47 Datasheet PDF - Toshiba Semiconductor

Part # SM2LZ47
Download  SM2LZ47 Click to download

File Size   187.88 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM2LZ47 Datasheet (HTML) - Toshiba Semiconductor


SM2LZ47 Product details

AC POWER CONTROL APPLICATIONS

Repetitive Peak Off−State Voltage  : VDRM = 800V

R.M.S. On−State Current  : IT (RMS) = 2A

High Commutation (dv / dt)  : (dv / dt) c = 5V / µs (Min.)

Isolation Voltage  : VISOL = 1500V AC




Similar Part No. - SM2LZ47

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SM2LZ47 KERSEMI-SM2LZ47 Datasheet
842Kb / 4P
AC POWER CONTROL APPLICATIONS
More results


Similar Description - SM2LZ47

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
AC POWER CONTROL APPLICATIONS
SM2L54 TOSHIBA-SM2L54 Datasheet
226Kb / 5P
AC POWER CONTROL APPLICATIONS
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
AC POWER CONTROL APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com