Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADVFC32 Datasheet (PDF) - Analog Devices

ADVFC32 Datasheet PDF - Analog Devices
Part # ADVFC32
Download  ADVFC32 Download
File Size   375.4 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage-to-Frequency and Frequency-to-Voltage Converter

ADVFC32 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADVFC32 Datasheet PDF - Analog Devices

Part # ADVFC32
Download  ADVFC32 Click to download

File Size   375.4 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Voltage-to-Frequency and Frequency-to-Voltage Converter

ADVFC32 Datasheet (HTML) - Analog Devices


ADVFC32 Product details

FEATURES
High Linearity
/H115500.01% Max at 10 kHz FS
/H115500.05% Max at 100 kHz FS
/H115500.2% Max at 500 kHz FS
Output TTL/CMOS-Compatible
V/F or F/V Conversion
6 Decade Dynamic Range
Voltage or Current Input
Reliable Monolithic Construction
MIL-STD-883-Compliant Versions Available




Similar Part No. - ADVFC32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
ADVFC32 AD-ADVFC32 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
ADVFC32 AD-ADVFC32 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
ADVFC32BH AD-ADVFC32BH Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
ADVFC32KN AD-ADVFC32KN Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
More results


Similar Description - ADVFC32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com