Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE2031 Datasheet (PDF) - NTE Electronics

NTE2031 Datasheet PDF - NTE Electronics
Part # NTE2031
Download  NTE2031 Download
File Size   19.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Seven-Segment Gas-Discharge Display Driver

NTE2031 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2031 Datasheet PDF - NTE Electronics

Part # NTE2031
Download  NTE2031 Click to download

File Size   19.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Seven-Segment Gas-Discharge Display Driver

NTE2031 Datasheet (HTML) - NTE Electronics


NTE2031 Product details

Description:

The NTE2031 is a seven channel digit (anode) driver in a 16–Lead DIP type package specifically designed to be used with high–voltage, gas–discharge numeric displays. This device requires a low logic level to turn the drivers on with a low input current requirement of any 300µA typically, and is compatible with popular MOS chips.



Features:

• High Breakdown Voltage: –55V Typ

• Low Input Current for MOS Compatibility

• Operable from Either Positive or Negative Supply Voltages

• Input Clamp Diodes for DC Restoration

• Internal Pull–Down Resistors



 




Similar Part No. - NTE2031

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2030 NTE-NTE2030 Datasheet
25Kb / 3P
Integrated Circuit High Voltage Segment Driver for Gas Discharge Tubes
NTE2032 NTE-NTE2032 Datasheet
23Kb / 3P
Integrated Circuit BCD-to-Seven-Segment Decoder Driver
NTE2033 NTE-NTE2033 Datasheet
22Kb / 2P
Integrated Circuit Non-Inverting Transistor Array, Low Input Active
More results


Similar Description - NTE2031

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2021 NTE-NTE2021 Datasheet
24Kb / 3P
Integrated Circuit 8-Digit/Segment Fluorescent Display Driver
NTE2026 NTE-NTE2026 Datasheet
20Kb / 2P
Integrated Circuit Gas-Discharge Display Driver
NTE2030 NTE-NTE2030 Datasheet
25Kb / 3P
Integrated Circuit High Voltage Segment Driver for Gas Discharge Tubes
NTE2032 NTE-NTE2032 Datasheet
23Kb / 3P
Integrated Circuit BCD-to-Seven-Segment Decoder Driver
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
SEVEN SEGMENT DISPLAY 10mm
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
SEVEN SEGMENT DISPLAY 13MM
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
SEVEN SEGMENT NUMERIC DISPLAY
logo
NTE Electronics
NTE2025 NTE-NTE2025 Datasheet
76Kb / 2P
Integrated Circuit Quad HV Driver for Gas−Discharge Display
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
Seven Segment Display
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
Seven segment LED display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com