Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS611 Datasheet (PDF) - Toshiba Semiconductor

TPS611 Datasheet PDF - Toshiba Semiconductor
Part # TPS611
Download  TPS611 Download
File Size   216.71 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FOR PHOTO SENSOR

TPS611 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS611 Datasheet PDF - Toshiba Semiconductor

Part # TPS611
Download  TPS611 Click to download

File Size   216.71 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FOR PHOTO SENSOR

TPS611 Datasheet (HTML) - Toshiba Semiconductor


TPS611 Product details

Lead(Pb)-Free
Photoelectric Counter
Various Kinds Of Readers
Position Detection

• φ5mm epoxy resin package(black)
• High sensitivity: IL = 120μA(typ.)
• Half value angle: θ1/2 = ±8°(typ.)
• Protected from external light by black mold packaging.




Similar Part No. - TPS611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS611 TOSHIBA-TPS611 Datasheet
212Kb / 6P
Silicon NPN Epitaxial Planar
TPS611 TOSHIBA-TPS611 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100PW TI-TPS61100PW Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results


Similar Description - TPS611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS612 TOSHIBA-TPS612 Datasheet
188Kb / 4P
SILICON NPN EPITAXIAL PLANAR FOR PHOTO SENSOR
TPS613 TOSHIBA-TPS613 Datasheet
193Kb / 4P
SILICON NPN EPITAXIAL PLANAR FOR PHOTO SENSOR
logo
Marktech Corporate
MTE1100 MARKTECH-MTE1100 Datasheet
78Kb / 2P
GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR
logo
Sanyo Semicon Device
LV0101CF SANYO-LV0101CF Datasheet
184Kb / 6P
For Ultra-small illumination Sensor Photo IC
LV0111CF SANYO-LV0111CF Datasheet
184Kb / 6P
For Micro-sized illumination Sensor Photo IC
logo
ON Semiconductor
ENA0975B ONSEMI-ENA0975B Datasheet
143Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
ENA1633 ONSEMI-ENA1633 Datasheet
202Kb / 7P
Photo IC for Ultra-small illumination Sensor
August, 2013
LV0111CF ONSEMI-LV0111CF Datasheet
148Kb / 7P
Photo IC for Micro-sized illumination Sensor
August, 2013
logo
RHOPOINT COMPONENTS
OT150D RHOPOINT-OT150D Datasheet
113Kb / 1P
Photo IC Switch Sensor
logo
FOTEK CONTROLS CO., LTD...
PH07-03N FOTEK-PH07-03N Datasheet
963Kb / 3P
Photo sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com