Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ENL Datasheet (PDF) - Maxim Integrated Products

DS80C320-ENL Datasheet PDF - Maxim Integrated Products
Part # DS80C320-ENL
Download  DS80C320-ENL Download
File Size   845.65 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed/Low-Power Microcontrollers

DS80C320-ENL Datasheet (PDF)

Go To PDF Page Download Datasheet
DS80C320-ENL Datasheet PDF - Maxim Integrated Products

Part # DS80C320-ENL
Download  DS80C320-ENL Click to download

File Size   845.65 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed/Low-Power Microcontrollers

DS80C320-ENL Datasheet (HTML) - Maxim Integrated Products


DS80C320-ENL Product details

DETAILED DESCRIPTION
The DS80C320/DS80C323 are fast 80C31/80C32-compatible microcontrollers. Wasted clock and memory cycles have been removed using a redesigned processor core. As a result, every 8051 instruction is executed between 1.5 and 3 times faster than the original for the same crystal speed. Typical applications see a speed improvement of 2.5 times using the same code and same crystal. The DS80C320 offers a maximum crystal rate of 33MHz, resulting in apparent execution speeds of 82.5MHz (approximately 2.5X).

FEATURES
■ 80C32-Compatible
    8051 Pin and Instruction Set Compatible Four 8-Bit I/O Ports
    Three 16-Bit Timer/Counters 256 Bytes Scratchpad RAM Addresses 64kB ROM and 64kB RAM
■ High-Speed Architecture
    4 Clocks/Machine Cycle (8032 = 12) DC to 33MHz (DS80C320) DC to 18MHz (DS80C323)
    Single-Cycle Instruction in 121ns Uses Less Power for Equivalent Work Dual Data Pointer Optional Variable Length MOVX to Access
Fast/Slow RAM/Peripherals
■ High-Integration Controller Includes: Power-Fail Reset Programmable Watchdog Timer Early Warning Power-Fail Interrupt
■ Two Full-Duplex Hardware Serial Ports
■ 13 Total Interrupt Sources with Six External
■ Available in 40-Pin DIP, 44-Pin PLCC, and 44-Pin TQFP




Similar Part No. - DS80C320-ENL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320-ENL DALLAS-DS80C320-ENL Datasheet
1Mb / 42P
High-Speed/Low-Power Micro
DS80C320-ENL DALLAS-DS80C320-ENL Datasheet
1Mb / 175P
High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C320-ENL MAXIM-DS80C320-ENL Datasheet
905Kb / 40P
High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-ENL MAXIM-DS80C320-ENL Datasheet
700Kb / 38P
High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-ENL+ MAXIM-DS80C320-ENL+ Datasheet
905Kb / 40P
High-Speed/Low-Power Microcontrollers
REV: 101006
More results


Similar Description - DS80C320-ENL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
Ultra-High-Speed Flash Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
Ultra-High-Speed Flash Microcontrollers
REV: 060805
DS80C320 MAXIM-DS80C320_06 Datasheet
905Kb / 40P
High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
Ultra-High-Speed Flash Microcontrollers
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
logo
Maxim Integrated Produc...
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
High-Speed/Low-Power Microcontrollers
REV: 101006
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com