Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7194 Datasheet (PDF) - Analog Devices

AD7194 Datasheet PDF - Analog Devices
Part # AD7194
Download  AD7194 Download
File Size   1123.84 Kbytes
Page   55 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit Sigma-Delta ADC with PGA

AD7194 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7194 Datasheet PDF - Analog Devices

Part # AD7194
Download  AD7194 Click to download

File Size   1123.84 Kbytes
Page   55 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit Sigma-Delta ADC with PGA

AD7194 Datasheet (HTML) - Analog Devices


AD7194 Product details

FEATURES
Fast settling filter option
8 differential/16 pseudo differential input channels
RMS noise: 11 nV at 4.7 Hz (gain = 128)
15.5 noise-free bits at 2.4 kHz (gain = 128)
Up to 22 noise-free bits (gain = 1)
Offset drift: ±5 nV/°C
Gain drift: ±1 ppm/°C
Programmable gain (1 to 128)
Output data rate: 4.7 Hz to 4.8 kHz
Internal or external clock
Simultaneous 50 Hz/60 Hz rejection
4 general-purpose digital outputs
Power supply
AVDD: 3 V to 5.25 V
DVDD: 2.7 V to 5.25 V
Current: 4.65 mA
Temperature range: −40°C to +105°C
Package: 32-lead LFCSP




Similar Part No. - AD7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7194 AD-AD7194 Datasheet
1Mb / 54P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Rev. B
AD7194BCPZ AD-AD7194BCPZ Datasheet
1,002Kb / 56P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7194BCPZ AD-AD7194BCPZ Datasheet
1Mb / 54P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
Rev. B
AD7194BCPZ-REEL AD-AD7194BCPZ-REEL Datasheet
1,002Kb / 56P
8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
More results


Similar Description - AD7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com