Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7986 Datasheet (PDF) - Analog Devices

AD7986 Datasheet PDF - Analog Devices
Part # AD7986
Download  AD7986 Download
File Size   621.12 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 mW ADC in LFCSP

AD7986 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7986 Datasheet PDF - Analog Devices

Part # AD7986
Download  AD7986 Click to download

File Size   621.12 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 mW ADC in LFCSP

AD7986 Datasheet (HTML) - Analog Devices


AD7986 Product details

FEATURES
18-bit resolution with no missing codes
Throughput: 2 MSPS (TURBO = high), 1.5 MSPS (TURBO = low)
Low power dissipation
15 mW at 2 MSPS, with external reference
26 mW at 2 MSPS with internal reference
INL: ±1 LSB typical, ±2.5 LSB maximum
SNR
95.5 dB, with on-chip reference
97.0 dB, with external reference
4.096 V internal reference: typical drift of 10 ppm/°C
True differential analog input voltage range: ±V
REF
0 V to VREF with VREF up to 5.0 V
Allows use of any input range
No pipeline delay
Logic interface: 1.8 V/2.5 V/2.7 V
Proprietary serial interface: SPI-/QSPI™-/MICROWIRE™-/DSP-
compatible
Ability to daisy-chain multiple ADCs with busy indicator
20-lead 4 mm × 4 mm LFCSP




Similar Part No. - AD7986

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7986 AD-AD7986 Datasheet
515Kb / 28P
1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
AD7986 AD-AD7986 Datasheet
632Kb / 28P
1 nV/?숰z, Low Power
REV. B
AD7986 AD-AD7986 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7986 AD-AD7986 Datasheet
472Kb / 28P
18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
More results


Similar Description - AD7986

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7985 AD-AD7985 Datasheet
585Kb / 28P
16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
Differential ADC in MSOP/LFCSP
REV. B
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
Rev. C
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
15.5 mW ADC in LFCSP
27-Sep-2017
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
14-Apr-2017
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
23-Feb-2017
AD7942 AD-AD7942_17 Datasheet
463Kb / 25P
Pseudo Differential ADC in MSOP/LFCSP
6/14-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com