Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1060 Datasheet (PDF) - Analog Devices

ADM1060 Datasheet PDF - Analog Devices
Part # ADM1060
Download  ADM1060 Download
File Size   303.81 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Communications System Supervisory/Sequencing Circuit

ADM1060 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1060 Datasheet PDF - Analog Devices

Part # ADM1060
Download  ADM1060 Click to download

File Size   303.81 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Communications System Supervisory/Sequencing Circuit

ADM1060 Datasheet (HTML) - Analog Devices


ADM1060 Product details

GENERAL DESCRIPTION
The ADM1060 is a programmable supervisory/sequencing device that offers a single chip solution for multiple power supply fault detection and sequencing in communications systems.

FEATURES
   Faults detected on 7 independent supplies
   1 high voltage supply (2 V to 14.4 V)
   4 positive voltage only supplies (2 V to 6 V)
   2 positive/negative voltage supplies
      (+2 V to +6 V and –2 V to –6 V)
   Watchdog detector input—timeout delay programmable
      from 200 ms to 12.8 sec
   4 general-purpose logic inputs
   Programmable logic block—combinatorial and sequencing
      logic control of all inputs and outputs
   9 programmable output drivers:
      Open collector (external resistor required)
      Open collector with internal pull-up to VDD
      Fast internal pull-up to VDD
      Open collector with internal pull-up to VPn
      Fast internal pull-up to VPn
      Internally charge-pumped high drive (for use with
         external N-channel FETs—PDOs 1 to 4 only)
   EEPROM—256 bytes of user EEPROM
   Industry-standard 2-wire bus interface (SMBus)
   Guaranteed PDO low with VPn, VH = 1 V

APPLICATIONS
   Central office systems
   Servers
   Infrastructure network boards
   High density, multivoltage system cards




Similar Part No. - ADM1060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
Communications System Supervisory/Sequencing Circuit
REV. B
More results


Similar Description - ADM1060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
Communications System Supervisory/Sequencing Circuit
REV. B
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
Supervisory Circuit
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com