Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC829 Datasheet (PDF) - Zetex Semiconductors

ZC829 Datasheet PDF - Zetex Semiconductors
Part # ZC829
Download  ZC829 Download
File Size   151.22 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON 28V HYPERABRUPT VARACTOR DIODES

ZC829 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZC829 Datasheet PDF - Zetex Semiconductors

Part # ZC829
Download  ZC829 Click to download

File Size   151.22 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON 28V HYPERABRUPT VARACTOR DIODES

ZC829 Datasheet (HTML) - Zetex Semiconductors


ZC829 Product details

Description
A range of silicon varactor diodes for use in frequency control and filtering. Featuring closely controlled CV characteristics and high Q. Low reverse current ensures very low phase noise performance. Available in single or dual common cathode format in a wide rage of miniature surface mount packages.

Features
• Close tolerance CV characteristics
• High tuning ratio
• Low IR (typically 200pA)
• Excellent phase noise performance
• High Q
• Range of miniature surface mount packages

Applications
• VCXO and TCXO
• Wireless communications
• Pagers
• Mobile radio




Similar Part No. - ZC829

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
93Kb / 6P
SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
334Kb / 8P
Silicon 25V hyperabrupt varactor diodes
ZC829ATA ZETEX-ZC829ATA Datasheet
97Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
93Kb / 6P
SILICON 25V HYPERABRUPT VARACTOR DIODES
More results


Similar Description - ZC829

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
Silicon 25V hyperabrupt varactor diodes
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
SILICON 12V HYPERABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
GaAs Varactor Diodes Hyperabrupt
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
GaAs Hyperabrupt Varactor Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com