Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9621 Datasheet (PDF) - Analog Devices

AD9621 Datasheet PDF - Analog Devices
Part # AD9621
Download  AD9621 Download
File Size   45.33 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband Voltage Feedback Amplifier

AD9621 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9621 Datasheet PDF - Analog Devices

Part # AD9621
Download  AD9621 Click to download

File Size   45.33 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband Voltage Feedback Amplifier

AD9621 Datasheet (HTML) - Analog Devices


AD9621 Product details

GENERAL DESCRIPTION
The AD9621 is one of a family of very high speed and wide bandwidth amplifiers utilizing a voltage feedback architecture. These amplifiers define a new level of performance for voltage feedback amplifiers, especially in the categories of large signal bandwidth, slew rate, settling, and low noise.
Proprietary design architectures have resulted in an amplifier family that combines the most attractive attributes of both current feedback and voltage feedback amplifiers. The AD9621 exhibits extraordinarily accurate and fast pulse response characteristics (7 ns settling to 0.1%) as well as extremely wide small and large signal bandwidth previously found only in current feedback amplifiers. When combined with balanced high impedance inputs and low input noise current more common to voltage feedback architectures, the AD9621 offers performance not previously available in a monolithic operational amplifier.

FEATURES
   350 MHz Small Signal Bandwidth
   130 MHz Large Signal BW (4 V p-p)
   High Slew Rate: 1200 V/ms
   Fast Settling: 11 ns to 0.01%/7 ns to 0.1%
   63 V Supply Operation
  
APPLICATIONS
   ADC Input Driver
   Differential Amplifiers
   IF/RF Amplifiers
   Pulse Amplifiers
   Professional Video
   DAC Current-to-Voltage
   Baseband and Video Communications
   Pin Diode Receivers
   Active Filters/lntegrators/Log Amps




Similar Part No. - AD9621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9621 AD-AD9621 Datasheet
305Kb / 6P
Wideband Voltage Feedback Amplifier
REV.0
AD9621AN AD-AD9621AN Datasheet
305Kb / 6P
Wideband Voltage Feedback Amplifier
REV.0
AD9621AQ AD-AD9621AQ Datasheet
305Kb / 6P
Wideband Voltage Feedback Amplifier
REV.0
AD9621AR AD-AD9621AR Datasheet
305Kb / 6P
Wideband Voltage Feedback Amplifier
REV.0
AD9621SQ AD-AD9621SQ Datasheet
305Kb / 6P
Wideband Voltage Feedback Amplifier
REV.0
More results


Similar Description - AD9621

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9621 AD-AD9621 Datasheet
305Kb / 6P
Wideband Voltage Feedback Amplifier
REV.0
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9621 AD-AD9621_15 Datasheet
265Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
AD9623 AD-AD9623_15 Datasheet
145Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
AD9622 AD-AD9622_15 Datasheet
278Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
AD9624 AD-AD9624_15 Datasheet
269Kb / 6P
Wideband Voltage Feedback Amplifier
REV. 0
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com