Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54124L Datasheet (PDF) - Mitsubishi Electric Semiconductor

M54124L Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M54124L
Download  M54124L Download
File Size   162.68 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description EARTH LEAKAGE CURRENT DETECTOR

M54124L Datasheet (PDF)

Go To PDF Page Download Datasheet
M54124L Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M54124L
Download  M54124L Click to download

File Size   162.68 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description EARTH LEAKAGE CURRENT DETECTOR

M54124L Datasheet (HTML) - Mitsubishi Electric Semiconductor


M54124L Product details

DESCRIPTION

The M54124L is a semiconductor integrated circuit consisting of an amplifier for a high-speed earth-leakage circuit breaker.



FEATURES

● Satisfies JIS C 8371

● Temperature-stable input current threshold

● High-input sensitivity (VT = 6.5mV)

● Low external component count

● Highly resistant to noise and power surges

● Low power dissipation (Pd = 5mW typ)

● Can be used at 100V and 200V

● High-density mounting eight-pin SIL package

● Wide operating temperature range (Ta = -20 – +80°C)



APPLICATION

  High-speed earth-leakage circuit breakers



 




Similar Part No. - M54124L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M54124L RENESAS-M54124L Datasheet
271Kb / 10P
Earth Leakage Current Detector
More results


Similar Description - M54124L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Unisonic Technologies
M54123L UTC-M54123L_09 Datasheet
211Kb / 9P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134 Datasheet
222Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54133 UTC-M54133_15 Datasheet
189Kb / 8P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com