Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16212 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B16212 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B16212
Download  PI3B16212 Download
File Size   198.92 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 24-Bit Bus Exchange Switch

PI3B16212 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B16212 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B16212
Download  PI3B16212 Click to download

File Size   198.92 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 24-Bit Bus Exchange Switch

PI3B16212 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B16212 Product details

Product Description
Pericom Semiconductor’s PI3B series of logic circuits are produced using the Company’s advanced submicron CMOS technology.

Product Features
• Near-zero propagation delay
• 5-ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Fast Switching Speed: 5ns (max.)
• VCC Operating Range: 3.0V to 3.6V
• Industrial operating temperature: --40°C to +85°C
• Packages available:
    - 56-pin 240-mil wide thin plastic TSSOP (A)
    - 56-pin 300-mil wide plastic SSOP (V)




Similar Part No. - PI3B16212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16210A PERICOM-PI3B16210A Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210AE PERICOM-PI3B16210AE Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210B PERICOM-PI3B16210B Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
More results


Similar Description - PI3B16212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH
logo
Fairchild Semiconductor
FST16212 FAIRCHILD-FST16212 Datasheet
155Kb / 5P
24-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI5C16212 PERICOM-PI5C16212 Datasheet
135Kb / 5P
24-Bit Bus Exchange Switch
PI3B16209 PERICOM-PI3B16209 Datasheet
70Kb / 3P
3.3V, 18-Bit Bus Exchange Switch
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
PI3B16213 PERICOM-PI3B16213 Datasheet
185Kb / 4P
3.3V, 24-Bit Bus-Exchange Switch
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com