Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3282EBCA Datasheet (PDF) - Sipex Corporation

SP3282EBCA Datasheet PDF - Sipex Corporation
Part # SP3282EBCA
Download  SP3282EBCA Download
File Size   307.18 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Intelligent 2.35V to 5.5V RS-232 Transceivers

SP3282EBCA Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3282EBCA Datasheet PDF - Sipex Corporation

Part # SP3282EBCA
Download  SP3282EBCA Click to download

File Size   307.18 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Intelligent 2.35V to 5.5V RS-232 Transceivers

SP3282EBCA Datasheet (HTML) - Sipex Corporation


SP3282EBCA Product details

DESCRIPTION
The SP3282EB device is an RS-232 transceiver solution intended for portable or hand-held applications such as notebook and palmtop computers, PDAs, cell phones and their data cables
and cradles.

FEATURES
■ Operates over entire Li+ Battery range
■ Interoperable with EIA/TIA-232-F and adheres to EIA/TIA-562 down to a +2.35V power supply
■ AUTO ON-LINE® circuitry automatically wakes up from a 1µA shutdown
■ Minimum 250Kbps data rate
■ Regulated charge pump yields stable RS-232 outputs regardless of VCC variations
■ Unique VL for low logic compatibility regardless of VCC
■ Enhanced ESD Specifications for all TTL and RS-232 I/O lines.
    +15kV Human Body Model
    +15kV IEC1000-4-2 Air Discharge
    +8kV IEC1000-4-2 Contact Discharge
■ Enhanced battery life as the VCC drops below 3.1V

APPLICATIONS
■ Cell phone data cables
■ PDAs, PDA cradles
■ Hand held equipment
■ Peripherals




Similar Part No. - SP3282EBCA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3281EBCA SIPEX-SP3281EBCA Datasheet
128Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3281EBCY SIPEX-SP3281EBCY Datasheet
128Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3281EBEA SIPEX-SP3281EBEA Datasheet
128Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3281EBEY SIPEX-SP3281EBEY Datasheet
128Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
More results


Similar Description - SP3282EBCA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
Intelligent 2.35V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com