Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1360B Datasheet (PDF) - Cypress Semiconductor

CY7C1360B Datasheet PDF - Cypress Semiconductor
Part # CY7C1360B
Download  CY7C1360B Download
File Size   895.48 Kbytes
Page   34 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 9-Mbit (256K x 36/512K x 18) Pipelined SRAM

CY7C1360B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1360B Datasheet PDF - Cypress Semiconductor

Part # CY7C1360B
Download  CY7C1360B Click to download

File Size   895.48 Kbytes
Page   34 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 9-Mbit (256K x 36/512K x 18) Pipelined SRAM

CY7C1360B Datasheet (HTML) - Cypress Semiconductor


CY7C1360B Product details

Functional Description

The CY7C1360C/CY7C1362C SRAM integrates 262,144 x 36 and 524,288 x 18 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining Chip Enable (CE1), depth-expansion Chip Enables (CE2and CE3), Burst Control inputs (ADSC, ADSP, andADV), Write Enables (BWX, and BWE), and Global Write (GW). Asynchronous inputs include the Output Enable (OE) and the ZZ pin.



Features

• Supports bus operation up to 250 MHz

• Available speed grades are 250, 200, and 166 MHz

• Registered inputs and outputs for pipelined operation

• 3.3V core power supply

• 2.5V/3.3V I/O operation

• Fast clock-to-output times

  — 2.8 ns (for 250-MHz device)

  — 3.0 ns (for 200-MHz device)

  — 3.5 ns (for 166-MHz device)

• Provide high-performance 3-1-1-1 access rate

• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences

• Separate processor and controller address strobes

• Synchronous self-timed writes

• Asynchronous output enable

• Single Cycle Chip Deselect

• Offered in Lead-Free 100-pin TQFP, 119-ball BGA and 165-Ball fBGA packages

• TQFP Available with 3-Chip Enable and 2-Chip Enable

• IEEE 1149.1 JTAG-Compatible Boundary Scan

• “ZZ” Sleep Mode Option



 




Similar Part No. - CY7C1360B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1360A-150AC CYPRESS-CY7C1360A-150AC Datasheet
558Kb / 28P
256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1360A-150AI CYPRESS-CY7C1360A-150AI Datasheet
558Kb / 28P
256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1360A-150AJC CYPRESS-CY7C1360A-150AJC Datasheet
558Kb / 28P
256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1360A-150AJI CYPRESS-CY7C1360A-150AJI Datasheet
558Kb / 28P
256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
More results


Similar Description - CY7C1360B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
256K x 36/512K x 18 Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com