Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet (PDF) - Intersil Corporation

EL5423 Datasheet PDF - Intersil Corporation
Part # EL5423
Download  EL5423 Download
File Size   289.96 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers

EL5423 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5423 Datasheet PDF - Intersil Corporation

Part # EL5423
Download  EL5423 Click to download

File Size   289.96 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers

EL5423 Datasheet (HTML) - Intersil Corporation


EL5423 Product details

The EL5123, EL5223, EL5323, and EL5423 are low power, high voltage rail-to-rail input/output buffers designed

primarily for use in reference voltage buffering applications for TFT-LCDs. They are available in quad (EL5123), octal (EL5223), 10-channel (EL5323), and 12-channel (EL5423) topologies. All buffers feature a -3dB bandwidth of 12MHz and operate from just 600µA per buffer. This family also features fast slewing and settling times, as well as a continuous output drive capability of 30mA (sink and source).



Features

• 12MHz -3dB bandwidth

• Supply voltage = 4.5V to 16.5V

• Low supply current (per buffer) = 600µA

• High slew rate = 15V/µs

• Rail-to-rail input/output swing

• Ultra-small packages

• Pb-free available (RoHS compliant)



Applications

• TFT-LCD drive circuits

• Electronics notebooks

• Electronic games

• Touch-screen displays

• Personal communication devices

• Personal digital assistants (PDA)

• Portable instrumentation

• Sampling ADC amplifiers

• Wireless LANs

• Office automation

• Active filters

• ADC/DAC buffers




Similar Part No. - EL5423

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
290Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
August 31, 2010
EL5423 INTERSIL-EL5423 Datasheet
560Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
August 31, 2010
logo
Renesas Technology Corp
EL5423 RENESAS-EL5423 Datasheet
777Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5423CL ELANTEC-EL5423CL Datasheet
139Kb / 2P
Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5423CL INTERSIL-EL5423CL Datasheet
290Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
August 31, 2010
More results


Similar Description - EL5423

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
May 4, 2007
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
August 31, 2010
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
August 31, 2010
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
May 4, 2007
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com