Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-916 Datasheet (PDF) - List of Unclassifed Manufacturers

ADS-916 Datasheet PDF - List of Unclassifed Manufacturers
Part # ADS-916
Download  ADS-916 Download
File Size   187.51 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 14-Bit, 500kHz, Low-Power Sampling A/D Converters

ADS-916 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-916 Datasheet PDF - List of Unclassifed Manufacturers

Part # ADS-916
Download  ADS-916 Click to download

File Size   187.51 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 14-Bit, 500kHz, Low-Power Sampling A/D Converters

ADS-916 Datasheet (HTML) - List of Unclassifed Manufacturers


ADS-916 Product details

[DATEL]

GENERAL DESCRIPTION
The ADS-916 is a high-performance, 14-bit, 500kHz sampling A/D converter. This device samples input signals up to Nyquist frequencies with no missing codes. The ADS-916 features outstanding dynamic performance including a THD of –90dB. Housed in a small 24-pin DDIP or SMT (gull-wing) package, the functionally complete ADS-916 contains a fast-settling sample-hold amplifier, a subranging (two-pass) A/D converter, a precise voltage reference, timing/control logic, and error correction circuitry. Digital input and output levels are TTL.

FEATURES
• 14-bit resolution
• 500kHz sampling rate
• Functionally complete; No missing codes
• Edge-triggered; No pipeline delays
• Small 24-pin DDIP or SMT package
• Low power, 1.8 Watts maximum
• Operates from ±15V or ±12V supplies
• Unipolar 0 to +10V input range




Similar Part No. - ADS-916

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-916-C/883 DATEL-ADS-916-C/883 Datasheet
107Kb / 1P
Sampling A/D Converters
ADS-916-C883 DATEL-ADS-916-C883 Datasheet
107Kb / 1P
Sampling A/D Converters
ADS-916883 DATEL-ADS-916883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-916G-C/883 DATEL-ADS-916G-C/883 Datasheet
107Kb / 1P
Sampling A/D Converters
More results


Similar Description - ADS-916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
18-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
500kHz, 14-Bit Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com