Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHCL-4040DZ-5115 Datasheet (PDF) - Vishay Siliconix

IHCL-4040DZ-5115 Datasheet PDF - Vishay Siliconix
Part # IHCL-4040DZ-5115
Download  IHCL-4040DZ-5115 Download
File Size   133.92 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Profile, High-Current Coupled Inductor

IHCL-4040DZ-5115 Datasheet (PDF)

Go To PDF Page Download Datasheet
IHCL-4040DZ-5115 Datasheet PDF - Vishay Siliconix

Part # IHCL-4040DZ-5115
Download  IHCL-4040DZ-5115 Click to download

File Size   133.92 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Profile, High-Current Coupled Inductor

IHCL-4040DZ-5115 Datasheet (HTML) - Vishay Siliconix


IHCL-4040DZ-5115 Product details

• High temperature, up to 155 °C
• Shielded construction
• Frequency range up to 5.0 MHz
• Lowest DCR/μH in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite
construction
• Coupling is > 90 % - optimized for SEPIC
converters
• Tested to AEC-Q200 specifications (1)




Similar Part No. - IHCL-4040DZ-5115

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHCL-4040DZ-5115 VISHAY-IHCL-4040DZ-5115 Datasheet
134Kb / 3P
Low-Profile, High-Current Coupled InductorS
09-Feb-18
IHCL-4040DZ-5115 VISHAY-IHCL-4040DZ-5115_V01 Datasheet
134Kb / 3P
Low-Profile, High-Current Coupled InductorS
09-Feb-18
More results


Similar Description - IHCL-4040DZ-5115

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHCL-4040DZ-5A2.2 VISHAY-IHCL-4040DZ-5A2.2 Datasheet
127Kb / 3P
Low-Profile, High-Current Coupled Inductor
27-Jun-14
IHCL-4040DZ-5A10 VISHAY-IHCL-4040DZ-5A10 Datasheet
125Kb / 3P
Low-Profile, High-Current Coupled Inductor
15-Jul-16
IHCL-4040DZ-5A15 VISHAY-IHCL-4040DZ-5A15_17 Datasheet
136Kb / 3P
Low-Profile, High-Current Coupled Inductor
22-Sep-17
IHCL-4040DZ-5A22 VISHAY-IHCL-4040DZ-5A22_17 Datasheet
129Kb / 3P
Low-Profile, High-Current Coupled Inductor
22-Sep-17
IHCL-4040DZ-512.2 VISHAY-IHCL-4040DZ-512.2 Datasheet
137Kb / 3P
Low-Profile, High-Current Coupled Inductor
22-Sep-17
IHCL-4040DZ-514.7 VISHAY-IHCL-4040DZ-514.7 Datasheet
134Kb / 3P
Low-Profile, High-Current Coupled Inductor
22-Sep-17
IHCL-4040DZ-5A4.7 VISHAY-IHCL-4040DZ-5A4.7 Datasheet
137Kb / 3P
Low-Profile, High-Current Coupled Inductor
22-Sep-17
IHCL-4040DZ-51 VISHAY-IHCL-4040DZ-51 Datasheet
141Kb / 3P
Low-Profile, High-Current Coupled Inductor
09-Feb-18
IHCL-4040DZ-5A2.7 VISHAY-IHCL-4040DZ-5A2.7_V01 Datasheet
142Kb / 3P
Low-Profile, High-Current Coupled Inductor
09-Feb-18
IHCL-4040DZ-5A VISHAY-IHCL-4040DZ-5A_V01 Datasheet
140Kb / 3P
Low-Profile, High-Current Coupled Inductor
09-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com