Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1274 Datasheet (PDF) - Maxim Integrated Products

MAX1274 Datasheet PDF - Maxim Integrated Products
Part # MAX1274
Download  MAX1274 Download
File Size   1227.12 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs

MAX1274 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1274 Datasheet PDF - Maxim Integrated Products

Part # MAX1274
Download  MAX1274 Click to download

File Size   1227.12 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs

MAX1274 Datasheet (HTML) - Maxim Integrated Products


MAX1274 Product details

General Description
The MAX1274/MAX1275 low-power, high-speed, serialoutput, 12-bit, analog-to-digital converters (ADCs) operate at up to 1.8Msps. These devices feature true-differential inputs, offering better noise immunity, distortion improvements, and a wider dynamic range over single-ended inputs. A standard SPI™/QSPI™/MICROWIRE™ interface provides the clock necessary for conversion. These devices easily interface with standard digital signal processor (DSP) synchronous serial interfaces.

Features
♦ 1.8Msps Sampling Rate
♦ Only 45mW (typ) Power Dissipation
♦ Only 1µA (max) Shutdown Current
♦ High-Speed, SPI-Compatible, 3-Wire Serial Interface
♦ 70dB S/(N + D) at 525kHz Input Frequency
♦ Internal True-Differential Track/Hold (T/H)
♦ External Reference
♦ No Pipeline Delays
♦ Small 12-Pin TQFN Package

Applications
    Data Acquisition
    Communications
    Bill Validation
    Portable Instruments
    Motor Control




Similar Part No. - MAX1274

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1274 MAXIM-MAX1274 Datasheet
843Kb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274AETC+T MAXIM-MAX1274AETC+T Datasheet
843Kb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274BETC+T MAXIM-MAX1274BETC+T Datasheet
843Kb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results


Similar Description - MAX1274

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com