Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK612 Datasheet (PDF) - M.S. Kennedy Corporation

MSK612 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK612
Download  MSK612 Download
File Size   188.28 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description FAST SETTLING HIGH VOLTAGE AMPLIFIER

MSK612 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK612 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK612
Download  MSK612 Click to download

File Size   188.28 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description FAST SETTLING HIGH VOLTAGE AMPLIFIER

MSK612 Datasheet (HTML) - M.S. Kennedy Corporation


MSK612 Product details

DESCRIPTION:
The MSK 612 is a high voltage fast settling amplifier designed to provide large voltage swings at high slew rates in wideband systems. The true inverting op-amp topology employed in the MSK 612 provides excellent D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 612 achieves impressive settling time specifications by employing a feed forward A.C. path through the amplifier, however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of - 5V/V or greater keeps the MSK 612 stable in this range. The MSK 612 is packaged in a space efficient, hermetically sealed, 12 pin power dual in line package that has a high thermal conductivity for efficient device cooling.

FEATURES:
• Ultra Low Quiescent Current - –13mA for High Voltage
• 140V Peak to Peak Output Voltage Swing
• Slew Rate - 5000V/µS Typical
• Settling Time to 0.05% - 1.5µS Max.
• Input Offset Voltage Only - –1mV Max.
• Output Current - 250mA Peak
• Adjustable VHV Power Supply Minimizes Power Dissipation
• Compact Package Offers Superior Power Dissipation Capability

TYPICAL APPLICATIONS
• Fast Settling High Voltage Amplifier
• High Resolution CRT Monitor
• Ultra High Performance Video Processing
• CRT Beam Intensity Control
• Varactor Tuned VCO Driver
• Automatic Test Equipment




Similar Part No. - MSK612

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK612 MSK-MSK612_15 Datasheet
202Kb / 4P
Ultra Low Quiescent Current - 짹13mA for High Voltage
More results


Similar Description - MSK612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
Fast Settling Video Operational Amplifier
OP-42 AD-OP-42 Datasheet
596Kb / 14P
HIGH SPEED, FAST SETTLING PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
400MHz, Fast Settling Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4105 NSC-LH4105 Datasheet
214Kb / 6P
PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
400MHz, Fast Settling Operational Amplifier
July 2003
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Analog Devices
OP42AJ AD-OP42AJ Datasheet
601Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
OP42GSZ AD-OP42GSZ Datasheet
601Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
OP42 AD-OP42_15 Datasheet
604Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com