Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR1020CT Datasheet (PDF) - International Rectifier

MUR1020CT Datasheet PDF - International Rectifier
Part # MUR1020CT
Download  MUR1020CT Download
File Size   175.5 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultrafast Rectifier

MUR1020CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR1020CT Datasheet PDF - International Rectifier

Part # MUR1020CT
Download  MUR1020CT Click to download

File Size   175.5 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultrafast Rectifier

MUR1020CT Datasheet (HTML) - International Rectifier


MUR1020CT Product details

Description/ Applications
International Rectifiers MUR.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time.
The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as freewheeling diode in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.

Features
• Ultrafast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature




Similar Part No. - MUR1020CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1020CT MCC-MUR1020CT Datasheet
103Kb / 2P
10 Amp Super Fast Gl ass Passivated Rectifier 100 to 200 Volts
logo
GOOD-ARK Electronics
MUR1020CT GOOD-ARK-MUR1020CT Datasheet
150Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Vishay Siliconix
MUR1020CT VISHAY-MUR1020CT Datasheet
113Kb / 7P
Ultrafast Rectifier, 2 x 5 A FRED PtTM
28-Jul-08
logo
Shanghai Lunsure Electr...
MUR1020CT CHENYI-MUR1020CT Datasheet
349Kb / 2P
10Amp super fast glass passivated rectifier
logo
Rugao Dachang Electroni...
MUR1020CT DACHANG-MUR1020CT Datasheet
136Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 10 A
More results


Similar Description - MUR1020CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com