Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3835 Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

2SC3835 Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # 2SC3835
Download  2SC3835 Download
File Size   803.94 Kbytes
Page   3 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 70 Watt NPN Triple Diffused Planar Silicon Transistor

2SC3835 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3835 Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # 2SC3835
Download  2SC3835 Click to download

File Size   803.94 Kbytes
Page   3 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 70 Watt NPN Triple Diffused Planar Silicon Transistor

2SC3835 Datasheet (HTML) - Thinki Semiconductor Co., Ltd.


2SC3835 Product details

DESCRIPTION
• Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@ IC=3A
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= 120V (Min)
• Good Linearity of hFE
• Humidifier,DC-DC converter and general purpose.




Similar Part No. - 2SC3835

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3835 SANKEN-2SC3835 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
logo
Unisonic Technologies
2SC3835 UTC-2SC3835 Datasheet
122Kb / 4P
SWITCH NPN TRANSISTOR
logo
Savantic, Inc.
2SC3835 SAVANTIC-2SC3835 Datasheet
168Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3835 JMNIC-2SC3835 Datasheet
122Kb / 3P
Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
2SC3835 ISC-2SC3835 Datasheet
305Kb / 3P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SC3835

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Thinki Semiconductor Co...
2SC3834 THINKISEMI-2SC3834 Datasheet
793Kb / 2P
50 Watt NPN Triple Diffused Planar Silicon Transistor
2SC3998 THINKISEMI-2SC3998 Datasheet
446Kb / 3P
250 Watt NPN Triple Diffused Planar Silicon Transistor
2SC3834 THINKISEMI-2SC3834_17 Datasheet
849Kb / 2P
50 Watt NPN Triple Diffused Planar Silicon Transistor
2SC3835 THINKISEMI-2SC3835_17 Datasheet
887Kb / 3P
70 Watt NPN Triple Diffused Planar Silicon Transistor
2SC3998 THINKISEMI-2SC3998_17 Datasheet
529Kb / 3P
250 Watt NPN Triple Diffused Planar Silicon Transistor
2SC3997 THINKISEMI-2SC3997 Datasheet
404Kb / 3P
250 Watt NPN Triple Diffused Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com