Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP30-120 Datasheet (PDF) - STMicroelectronics

SMP30-120 Datasheet PDF - STMicroelectronics
Part # SMP30-120
Download  SMP30-120 Download
File Size   92.23 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TELECOM EQUIPMENT PROTECTION: TRISIL

SMP30-120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP30-120 Datasheet PDF - STMicroelectronics

Part # SMP30-120
Download  SMP30-120 Click to download

File Size   92.23 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TELECOM EQUIPMENT PROTECTION: TRISIL

SMP30-120 Datasheet (HTML) - STMicroelectronics


SMP30-120 Product details

Description
The SMP30 series has been designed to protect telecommunication equipment against lightning and transient induced by AC power lines. The package / die size ratio has been optimized by using the SMA package.
   
Features
■ Bidirectional crowbar protection
■ Voltage range from 62 V to 270 V
■ Low capacitance from 10 pF
    to 20 pF typ.@ 50 V
■ Low leakage current: IR = 2 µA max.
■ Holding current: IH = 150 mA min.
■ Repetitive peak pulse current:
    IPP = 30 A (10/1000 µs)
   
Benefits
■ Trisils are not subject to ageing and provide a
    fail safe mode in short circuit for a better
    protection.
■ This device can be used to help equipment
    meet various standards such as UL1950,
    IEC950 / CSA C22.2, UL1459 and FCC part
    68.
■ Trisils have UL94 V0 approved resin.
■ SMA package is JEDEC registered
    (DO-214AC).
■ Trisils are UL497B approved (file: E136224).
   
Applications
Telecommunication equipment such as:
■ Analog and digital line cards (xDSL, T1/E1,
    ISDN...).
■ Terminals (phone, fax, modem...) and central
    office equipment.
   




Similar Part No. - SMP30-120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP30-120 STMICROELECTRONICS-SMP30-120 Datasheet
59Kb / 6P
TRISILTM
SMP30-120 STMICROELECTRONICS-SMP30-120 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
More results


Similar Description - SMP30-120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com