Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC100 Datasheet (PDF) - List of Unclassifed Manufacturers

SSC100 Datasheet PDF - List of Unclassifed Manufacturers
Part # SSC100
Download  SSC100 Download
File Size   25.23 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FC-AL Embedded Controller

SSC100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC100 Datasheet PDF - List of Unclassifed Manufacturers

Part # SSC100
Download  SSC100 Click to download

File Size   25.23 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description FC-AL Embedded Controller

SSC100 Datasheet (HTML) - List of Unclassifed Manufacturers


SSC100 Product details

[VITESSE]

Overview
The SSC100 is a Fibre Channel NL_Port integrated circuit tailored for embedded control applications. When used in conjunction with Vitesses SSC050 or VSC055 Backplane Controller, the two devices create a chip set solution, which scales to meet system designers requirements for in-band FC-AL enclosure management. The SSC100 allows system designers to take advantage of the connectivity benefits of Fibre Channel such as cable distance and addressing when designing systems dependent on remote embedded control. An embedded 53Mhz, 32-bit RISC processor provides a processing platform for monitoring and control firmware. The SSC100 includes three, I2C serial interface bus master controllers, which allow system designers to use cost effective, off-the-shelf instrumentation and control devices. Two UARTs assist firmware development and out-of-band communication.

Device Features
• Integrated 1Gb/s Serial Transceiver
• Three I2C Serial Interface Controllers
• 32-bit, 53Mhz RISC CPU w/debug port
• Private Loop Direct Attach Profile
• IPMI 1.0 Compatible
• RS-232 Monitor Port
• Four External 1MB Address Ranges
• External Flash and/or SRAM (60ns to 250ns)
• Internal 4KB SRAM
• Eight Programmable General Purpose I/Os
• 100 PQFP Package




Similar Part No. - SSC100

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SSC1000-25 CRYDOM-SSC1000-25 Datasheet
536Kb / 4P
panel mount
SSC1000-25-12 CRYDOM-SSC1000-25-12 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-24 CRYDOM-SSC1000-25-24 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-36 CRYDOM-SSC1000-25-36 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Clarke International
SSC1000G CLARKE-SSC1000G Datasheet
3Mb / 16P
STRUT SPRING COMPRESSOR
GC0721 rev 1
More results


Similar Description - SSC100

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Fuji Electric
EDS11-76D FUJI-EDS11-76D Datasheet
400Kb / 7P
FC SERIES TRANSMISSION CONTROLLER
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
AAEON Technology
AEC-6643 AAEON-AEC-6643_15 Datasheet
286Kb / 2P
Embedded Controller
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
Embedded Boundary Scan Controller
logo
ITE Tech.Inc.
IT8512E ITE-IT8512E Datasheet
3Mb / 335P
Embedded Controller
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
embedded Ethernet controller
logo
Microchip Technology
CEC1712 MICROCHIP-CEC1712 Datasheet
3Mb / 338P
Cryptographic Embedded Controller
02/28/20
logo
List of Unclassifed Man...
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
Embedded Controller
5/6/2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com