Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7262 Datasheet (PDF) - Analog Devices

AD7262 Datasheet PDF - Analog Devices
Part # AD7262
Download  AD7262 Download
File Size   881.44 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC

AD7262 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7262 Datasheet PDF - Analog Devices

Part # AD7262
Download  AD7262 Click to download

File Size   881.44 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC

AD7262 Datasheet (HTML) - Analog Devices


AD7262 Product details

FEATURES
Dual simultaneous sampling 12 -bit, 2-channel analog-to-
digital converter (A DC)
True differential analog inputs
Programmable gain stage: ×1, ×2, ×3, ×4, ×6, ×8, ×12, ×16,
×24, ×32, ×48, ×64, ×96, ×128
Throughput rate per ADC
1 MSPS for AD7262
500 kSPS for AD7262 -5
Analog input impedance: >1 GΩ
Wide input bandwidth
− 3 dB bandwidth: 1.7 MHz at gain = 2
4 on-chip comparators
SNR: 73 dB typical at gain = 2, 66 dB typical at g ain = 32
Device offset calibration, s ystem gain calibration
On-chip reference: 2.5 V
− 40°C to +105°C operation
High speed serial interface
SPI/QSPI™/MICROWIRE/DSP compatible
48-lead LFCSP and LQFP




Similar Part No. - AD7262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7262 AD-AD7262 Datasheet
920Kb / 32P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ AD-AD7262BCPZ Datasheet
920Kb / 32P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ-5 AD-AD7262BCPZ-5 Datasheet
920Kb / 32P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ-5-RL7 AD-AD7262BCPZ-5-RL7 Datasheet
920Kb / 32P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ-RL7 AD-AD7262BCPZ-RL7 Datasheet
920Kb / 32P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
More results


Similar Description - AD7262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7262 AD-AD7262 Datasheet
920Kb / 32P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7264 AD-AD7264 Datasheet
1Mb / 32P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com