Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7264 Datasheet (PDF) - Analog Devices

AD7264 Datasheet PDF - Analog Devices
Part # AD7264
Download  AD7264 Download
File Size   1050.38 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC

AD7264 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7264 Datasheet PDF - Analog Devices

Part # AD7264
Download  AD7264 Click to download

File Size   1050.38 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC

AD7264 Datasheet (HTML) - Analog Devices


AD7264 Product details

FEATURES
Dual, simultaneous sampling, 14-bit, 2-channel ADC
True differential analog inputs
Programmable gain stage: ×1, ×2, ×3, ×4, ×6, ×8, ×12, ×16,
×24, ×32, ×48, ×64, ×96, ×128
Throughput rate per ADC
1 MSPS for AD7264
500 kSPS for AD7264-5
Analog input impedance: >1 GΩ
Wide input bandwidth
−3 dB bandwidth: 1.7 MHz at gain = 2
4 on-chip comparators
SNR: 78 dB typical at gain = 2, 71 dB typical at gain = 32
Device offset calibration
System gain calibration
On-chip reference: 2.5 V
−40°C to +105°C operation
High speed serial interface
Compatible with SPI, QSPI™, MICROWIRE™, and DSP
48-lead LFCSP and LQFP packages




Similar Part No. - AD7264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7264 AD-AD7264 Datasheet
1Mb / 32P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7264BCPZ AD-AD7264BCPZ Datasheet
1Mb / 32P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7264BCPZ-5 AD-AD7264BCPZ-5 Datasheet
1Mb / 32P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7264BCPZ-5-RL7 AD-AD7264BCPZ-5-RL7 Datasheet
1Mb / 32P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7264BCPZ-RL7 AD-AD7264BCPZ-RL7 Datasheet
1Mb / 32P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
More results


Similar Description - AD7264

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7264 AD-AD7264 Datasheet
1Mb / 32P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com