Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7631 Datasheet (PDF) - Analog Devices

AD7631 Datasheet PDF - Analog Devices
Part # AD7631_17
Download  AD7631 Download
File Size   664.25 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC

AD7631 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7631 Datasheet PDF - Analog Devices

Part # AD7631_17
Download  AD7631 Click to download

File Size   664.25 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC

AD7631 Datasheet (HTML) - Analog Devices


AD7631 Product details

FEATURES
Multiple pins/software-programmable input ranges
+5 V (10 V p-p), +10 V (20 V p-p), ±5 V (20 V p-p),
±10 V (40 V p-p)
Pins or serial SPI-compatible input ranges/mode selection
Throughput: 250 kSPS
INL: ±1.5 LSB typical, ±2.5 LSB maximum (±9.5 ppm of FSR)
18-bit resolution with no missing codes
Dynamic range: 102.5 dB
SNR: 101 dB @ 2 kHz
THD: −112 dB @ 2 kHz
iCMOS® process technology
5 V internal reference: typical drift 3 ppm/°C; TEMP output
No pipeline delay (SAR architecture)
Parallel (18-/16-/8-bit bus) and serial 5 V/3.3 V interface
SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
Power dissipation
73 mW @ 250 kSPS
10 mW @ 1 kSPS
Pb-free, 48-lead LQFP and 48-lead LFCSP (7 mm × 7 mm)




Similar Part No. - AD7631_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
More results


Similar Description - AD7631_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7691 AD-AD7691 Datasheet
898Kb / 28P
18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
7/06-Revision 0
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7631 AD-AD7631 Datasheet
333Kb / 14P
18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634 AD-AD7634_15 Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634 AD-AD7634_17 Datasheet
677Kb / 33P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
23-Feb-2017
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com