Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682 Datasheet (PDF) - Analog Devices

AD7682 Datasheet PDF - Analog Devices
Part # AD7682
Download  AD7682 Download
File Size   743.54 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs

AD7682 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7682 Datasheet PDF - Analog Devices

Part # AD7682
Download  AD7682 Click to download

File Size   743.54 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs

AD7682 Datasheet (HTML) - Analog Devices


AD7682 Product details

FEATURES
16-bit resolution with no missing codes
4-channel (AD7682)/8-channel (AD7689) multiplexer with
choice of inputs
Unipolar single-ended
Differential (GND sense)
Pseudobipolar
Throughput: 250 kSPS
INL: ±0.4 LSB typical, ±1.5 LSB maximum (±23 ppm or FSR)
Dynamic range: 93.8 dB
SINAD: 92.5 dB at 20 kHz
THD: −1 00 dB at 20 kHz
Analog input range: 0 V to VREF with VREF up to VDD
Multiple reference types
Internal selectable 2.5 V or 4.096 V
External buffered (up to 4.096 V)
External (up to VDD)
Internal temperature sensor (TEMP)
Channel sequencer, selectable 1-pole filter, busy indicator
No pipeline delay, SAR architecture
Single-supply 2.3 V to 5.5 V operation with 1.8 V to 5.5 V
logic interface
Serial interface compatible with SPI, MICROWIRE, QSPI,
and DSP
Power dissipation
3.5 mW at 2.5 V/200 kSPS
12.5 mW at 5 V/250 kSPS
Standby current: 50 nA
Low cost grade available
20-lead 4 mm × 4 mm LFCSP package
20-lead 2.4 mm × 2.4 mm WLCSP package




Similar Part No. - AD7682

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7682 AD-AD7682 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7682 AD-AD7682 Datasheet
744Kb / 28P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7682BCPZ AD-AD7682BCPZ Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
More results


Similar Description - AD7682

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689 AD-AD7689 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949 Datasheet
744Kb / 28P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_15 Datasheet
319Kb / 16P
16-Bit, 250 kSPS PulSAR
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
6/2017Rev. E to Rev. F
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com