Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7693 Datasheet (PDF) - Analog Devices

AD7693 Datasheet PDF - Analog Devices
Part # AD7693
Download  AD7693 Download
File Size   739.14 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kSPS PulSAR Differential ADC in MSOP/LFCSP

AD7693 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7693 Datasheet PDF - Analog Devices

Part # AD7693
Download  AD7693 Click to download

File Size   739.14 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kSPS PulSAR Differential ADC in MSOP/LFCSP

AD7693 Datasheet (HTML) - Analog Devices


AD7693 Product details

FEATURES
16-bit resolution with no missing codes
Throughput: 500 kSPS
INL/DNL: ±0.25 LSB typ, ±0.5 LSB max (±8 ppm of FSR)
Dynamic range: 96.5 dB
SINAD: 96 dB at 1 kHz
THD: −120 dB at 1 kHz
True differential analog input range: ±VREF
0 V to VREF with VREF up to VDD on both inputs
No pipeline delay
Single-supply 5 V operation with
1.8 V/2.5 V/3 V/5 V logic interface
Proprietary serial interface
SPI®-/QSPI™ -/MICROWIRE™ -/DSP-compatible1
Daisy-chain multiple ADCs, selectable busy indicator
Power dissipation: 40 nJ/conversion
40 µW at 5 V/1 kSPS
4 mW at 5 V/100 kSPS
18 mW at 5 V/500 kSPS
Standby current: 1 nA
10-lead package: MSOP (MSOP-8 size) and
3 mm × 3 mm LFCSP (SOT-23 size)
Pin-for-pin compatible with the 16-bit AD7687 and AD7688
and the 18-bit AD7690 and AD7691




Similar Part No. - AD7693

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7693 AD-AD7693 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7693 AD-AD7693 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7693 AD-AD7693 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7693 AD-AD7693 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7693 AD-AD7693 Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Similar Description - AD7693

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
REV. A
AD7690 AD-AD7690 Datasheet
674Kb / 25P
400 kSPS PulSAR Differential ADC in MSOP/LFCSP
7/14- Rev. B to Rev. C
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
250 kSPS PulSAR Differential ADC in MSOP/LFCSP
23-Feb-2017
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
PulSAR ADC in MSOP and LFCSP
15-Jul-2017
AD7686 AD-AD7686 Datasheet
566Kb / 29P
16-Bit, 500 kSPS PulSAR ADC in MSOP
8/14- Rev. B to Rev. C
AD7688 AD-AD7688 Datasheet
562Kb / 29P
16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
6/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com