Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7983 Datasheet (PDF) - Analog Devices

AD7983 Datasheet PDF - Analog Devices
Part # AD7983
Download  AD7983 Download
File Size   584.85 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN

AD7983 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7983 Datasheet PDF - Analog Devices

Part # AD7983
Download  AD7983 Click to download

File Size   584.85 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN

AD7983 Datasheet (HTML) - Analog Devices


AD7983 Product details

FEATURES
16-bit resolution with no missing codes
Throughput: 1.33 MSPS
Low power dissipation: 10.5 mW typical @ 1.33 MSPS
INL: ±0.6 LSB typical, ±1.0 LSB maximum
SINAD: 91.6 dB @ 10 kHz
THD: −115 dB @ 10 kHz
Pseudo differential analog input range
0 V to V
REF with VREF between 2.9 V to 5.5 V
Any input range and easy to drive with the ADA4841
No pipeline delay
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic




Similar Part No. - AD7983

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7983 AD-AD7983 Datasheet
612Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7983 AD-AD7983 Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7983 AD-AD7983 Datasheet
454Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
Rev. A
AD79831 AD-AD79831 Datasheet
644Kb / 24P
14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
More results


Similar Description - AD7983

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7982 AD-AD7982 Datasheet
416Kb / 23P
18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7984 AD-AD7984 Datasheet
722Kb / 24P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983 Datasheet
612Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7623 AD-AD7623 Datasheet
444Kb / 29P
16-Bit, 1.33 MSPS PulSAR ADC
14-Apr-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com