Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3445 Datasheet (PDF) - Toshiba Semiconductor

2SK3445 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3445
Download  2SK3445 Download
File Size   233.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator, DC-DC Converter Applications Motor Drive Applications

2SK3445 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3445 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3445
Download  2SK3445 Click to download

File Size   233.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator, DC-DC Converter Applications Motor Drive Applications

2SK3445 Datasheet (HTML) - Toshiba Semiconductor


2SK3445 Product details

Switching Regulator, DC-DC Converter Applications
Motor Drive Applications

• Low drain-source ON resistance: RDS (ON) = 90 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 10 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 250 V)
• Enhancement mode: Vth = 3.0 to 5.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3445

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3445 TOSHIBA-2SK3445 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
21-Nov-2006
2SK3445 TOSHIBA-2SK3445 Datasheet
189Kb / 6P
Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
01-Jun-2010
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
21-Nov-2006
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
Switching Regulator, DC-DC Converter Applications
More results


Similar Description - 2SK3445

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
Switching Regulator, DC-DC Converter Applications Motor Drive Applications
04-Mar-2002
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
06-Jul-2009
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
01-Nov-2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com