Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC6F-T1A Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

CC6F-T1A Datasheet PDF - MICORO CRYSTAL SWITZERLAND
Part # CC6F-T1A
Download  CC6F-T1A Download
File Size   513.98 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Inverted Mesa AT Crystal 70 MHz ??250 MHz

CC6F-T1A Datasheet (PDF)

Go To PDF Page Download Datasheet
CC6F-T1A Datasheet PDF - MICORO CRYSTAL SWITZERLAND

Part # CC6F-T1A
Download  CC6F-T1A Click to download

File Size   513.98 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Inverted Mesa AT Crystal 70 MHz ??250 MHz

CC6F-T1A Datasheet (HTML) - MICORO CRYSTAL SWITZERLAND




Similar Part No. - CC6F-T1A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC6F-T1A GOLLEDGE-CC6F-T1A Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
logo
Golledge Electronics Lt...
CC6F-T1A GOLLEDGE-CC6F-T1A Datasheet
555Kb / 4P
Fundamental mode up to 250MHz
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
Inverted Mesa AT Crystal 70 MHz - 200 MHz
More results


Similar Description - CC6F-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC1F-T1A MICROCRYSTAL-CC1F-T1A Datasheet
218Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
logo
RSG Electronic Componen...
CX1SM-AT RSG-CX1SM-AT Datasheet
89Kb / 2P
8 MHz to 250 MHz Miniature Surface Mount AT Quartz Crystal
logo
MICORO CRYSTAL SWITZERL...
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
AT Crystal 8 MHz -24 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
AT Crystal 12 MHz - 70 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
AT Crystal 16 MHz - 70 MHz
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
Inverted Mesa AT Crystal 70 MHz - 200 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A_17 Datasheet
782Kb / 2P
Inverted Mesa AT Crystal 30 MHz ??250 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A_16 Datasheet
798Kb / 2P
AT Crystal 16 MHz ??70 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com