Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0155020009 Datasheet (PDF) - Molex Electronics Ltd.

0155020009 Datasheet PDF - Molex Electronics Ltd.
Part # 0155020009
Download  0155020009 Download
File Size   53.92 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Soligie RFID Tag, 4.00m to 5.00m Read Range, 70.00mm by 15.00mm Footprint

0155020009 Datasheet (PDF)

Go To PDF Page Download Datasheet
0155020009 Datasheet PDF - Molex Electronics Ltd.

Part # 0155020009
Download  0155020009 Click to download

File Size   53.92 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Soligie RFID Tag, 4.00m to 5.00m Read Range, 70.00mm by 15.00mm Footprint

0155020009 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0155020009

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01550004ZXA LITTELFUSE-01550004ZXA Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01550004ZXA-ND LITTELFUSE-01550004ZXA-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01550004ZXU LITTELFUSE-01550004ZXU Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01550004ZXU-ND LITTELFUSE-01550004ZXU-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01550006ZXA LITTELFUSE-01550006ZXA Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
More results


Similar Description - 0155020009

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ART868X25275YZ25 ABRACON-ART868X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART868X130903TX13 ABRACON-ART868X130903TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART915X1620TX16-IC ABRACON-ART915X1620TX16-IC Datasheet
407Kb / 3P
LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
ART915X25275YZ25 ABRACON-ART915X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
logo
Molex Electronics Ltd.
0133560571 MOLEX-0133560571 Datasheet
35Kb / 1P
RFID Solutions, 7.6m Read Range, 58.40 by 27.90mm Footprint, For Metal Surfaces Screw or Rivet Attachment
10/07/2021
0133561351 MOLEX-0133561351 Datasheet
32Kb / 1P
RFID Solutions, 2.4 to 2.7m Read Range, 45.70 by 7.10mm Footprint, For Metal Surfaces
09/28/2021
0133561401 MOLEX-0133561401 Datasheet
39Kb / 1P
RFID Solutions, 1.8 to 2.1m Read Range, 9.90 by 5.10mm Footprint, For Metal Surfaces, Adhesive Required
09/28/2021
0133561431 MOLEX-0133561431 Datasheet
35Kb / 1P
RFID Solutions, 0.9 to 1.2m Read Range, 6.10mm Diameter Footprint, For Metal Surfaces, Adhesive required
09/28/2021
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
RFID Tag (125kHz)
6-20-17
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com