Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5933 Datasheet (PDF) - Analog Devices

AD5933 Datasheet PDF - Analog Devices
Part # AD5933
Download  AD5933 Download
File Size   553.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS 12-Bit Impedance Converter, Network Analyzer

AD5933 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5933 Datasheet PDF - Analog Devices

Part # AD5933
Download  AD5933 Click to download

File Size   553.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS 12-Bit Impedance Converter, Network Analyzer

AD5933 Datasheet (HTML) - Analog Devices


AD5933 Product details

GENERAL DESCRIPTION

The AD5933 is a high precision impedance converter system solution that combines an on-board frequency generator with a 12-bit, 1 MSPS, analog-to-digital converter (ADC). The frequency generator allows an external complex impedance to be excited with a known frequency. The response signal from the impedance is sampled by the on-board ADC and a discrete Fourier transform (DFT) is processed by an on-board DSP engine. The DFT algorithm returns a real (R) and imaginary (I) data-word at each output frequency.



FEATURES

Programmable output peak-to-peak excitation voltage to a maximum frequency of 100 kHz

Programmable frequency sweep capability with serial I2C interface

Frequency resolution of 27 bits (<0.1 Hz)

Impedance measurement range from 1 kΩ to 10 MΩ

Capable of measuring of 100 Ω to 1 kΩ with additional circuitry

Internal temperature sensor (±2°C)

Internal system clock option

Phase measurement capability

System accuracy of 0.5%

2.7 V to 5.5 V power supply operation

Temperature range: −40°C to +125°C

16-lead SSOP package

Qualified for automotive applications



APPLICATIONS

Electrochemical analysis

Bioelectrical impedance analysis

Impedance spectroscopy

Complex impedance measurement

Corrosion monitoring and protection equipment

Biomedical and automotive sensors

Proximity sensing

Nondestructive testing

Material property analysis

Fuel/battery cell condition monitoring




Similar Part No. - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933 AD-AD5933 Datasheet
200Kb / 6P
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
REV. A
AD5933 AD-AD5933 Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
AD5933WYRSZ-REEL7 AD-AD5933WYRSZ-REEL7 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
More results


Similar Description - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5934 AD-AD5934 Datasheet
513Kb / 32P
250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. 0
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
Network/Spectrum/Impedance Analyzer
logo
Analog Devices
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
1 MSPS,12-Bit ADCs
REV. B
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
Impedance Converter, Network Analyzer
9/2017-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com