Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6526 Datasheet (PDF) - Analog Devices

AD6526 Datasheet PDF - Analog Devices
Part # AD6526
Download  AD6526 Download
File Size   86.45 Kbytes
Page   1 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GSM/GPRS Digital Baseband Processor

AD6526 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6526 Datasheet PDF - Analog Devices

Part # AD6526
Download  AD6526 Click to download

File Size   86.45 Kbytes
Page   1 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GSM/GPRS Digital Baseband Processor

AD6526 Datasheet (HTML) - Analog Devices


AD6526 Product details

GENERAL DESCRIPTION
The AD6526 is the second device, after the AD6522, of the Analog Devices AD20msp430 series of SoftFone® GSM Baseband Processors. The AD6526 provides a competitive solution for GSM/GPRS terminal designs. It is designed to be fully integrated, easy to use, and compatible with GSM900, DCS1800 and PCS1900 handsets as well as direct PC data interface. No external SRAM is needed in most applications.

FEATURES
   Complete Single Chip Programmable Digital
   Baseband Processor divided into three main
   subsystems:
      Control Processor Subsystem including:
         32-bit MCU ARM7TDMI® Control Processor
         On-chip Zero-wait-state System SRAM
      DSP Subsystem including
         16-bit Fixed Point DSP Processor
         Data and Program SRAM
         Program Instruction Cache
         Full Rate, Enhanced Full Rate and Half Rate
            Speech Encoding/Decoding
      Peripheral Subsystem including
         Shared Peripheral Bus and Interface
            Peripherals
   Peripheral Functions
      Parallel and Serial Display Interface
      Keypad Interface
      FLASH Memory Interface
      1.8V and 3.0V, 64 kbps SIM Interface
      Universal System Connector Interface
      Baseband Converter Interface
      Data Services Interface
   Control of Radio Subsystem
   Three independent programmable backlight outputs
   Real Time Clock with Alarm
   Programmable Power Management and Clock
      Management
   Supports 13 MHz and 26 MHz Input Clocks
   Slow Clocking Scheme for Low Idle Mode Current
   Power Down modes
   On-chip support for GSM Data Services up to
      14.4 kbits/sec, Class 12 GPRS, HSCSD
   JTAG Interface for Test and In-Circuit Emulation
   1.8V Typical Operating Voltage
   Operating Voltage Range 1.7V - 1.9V
   Independent I/O and Memory Voltages
   160-Ball LFBGA (mini-BGA) package

APPLICATIONS
   GSM850/900/DCS1800/PCS1900 Wireless Terminals
   GSM Phase 2 & GPRS Compliant




Similar Part No. - AD6526

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
GSM/GPRS Digital Baseband Processor
Rev. PrA
More results


Similar Description - AD6526

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8875 INFINEON-PMB8875 Datasheet
3Mb / 2P
S-GOLDlite- Advanced Single - Chip GSM/GPRS Baseband Controller
2004-01-01
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
GSM SINGLE-CHIP BASEBAND PROCESSOR
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
BCM2132 BOARDCOM-BCM2132 Datasheet
514Kb / 2P
EDGE/GPRS/GSM SINGLE-CHIP MULTIMEDIA BASEBAND PROCESSOR
logo
Skyworks Solutions Inc.
CX805-30 SKYWORKS-CX805-30 Datasheet
85Kb / 5P
CX805-30 Baseband Processor for Multiband GSM and GPRS Applications
logo
Analog Devices
AD6528 AD-AD6528 Datasheet
160Kb / 1P
GSM/GPRS Digital Baseband Processor For Smartphone and Wireless Handheld Devices
Rev. PrA
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
GSM/GPRS Digital Baseband Processor
Rev. PrA
logo
List of Unclassifed Man...
MT6261D ETC2-MT6261D Datasheet
2Mb / 85P
MT6261D GSM GPRS SOC Processor Technical Brief
logo
Telit loT Solutions
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
GSM | GPRS Embedded
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com