Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8664 Datasheet (PDF) - Analog Devices

AD8664 Datasheet PDF - Analog Devices
Part # AD8664
Download  AD8664 Download
File Size   184.17 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers

AD8664 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8664 Datasheet PDF - Analog Devices

Part # AD8664
Download  AD8664 Click to download

File Size   184.17 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers

AD8664 Datasheet (HTML) - Analog Devices


AD8664 Product details

GENERAL DESCRIPTION
The AD8661/AD8662/AD8664 are rail-to-rail output, single-supply amplifiers that use the Analog Devices, Inc., patented DigiTrim® trimming technique to achieve low offset voltage. The AD866x series features extended operating ranges, with supply voltages up to 16 V. It also features low input bias current, wide signal bandwidth, and low input voltage and current noise.

FEATURES
   Low offset voltage: 100 μV maximum @ VS = 5 V
   Low input bias current: 1 pA maximum
   Single-supply operation: 5 V to 16 V
   Low noise: 10 nV/√Hz
   Wide bandwidth: 4 MHz
   Unity-gain stable
   Small package options
      3 mm × 3 mm 8-lead LFCSP
      8-lead MSOP and narrow SOIC
      14-lead TSSOP and narrow SOIC

APPLICATIONS
   Sensors
   Medical equipment
   Consumer audio
   Photodiode amplification
   ADC drivers




Similar Part No. - AD8664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8664 AD-AD8664 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8664 AD-AD8664 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
AD8664 AD-AD8664 Datasheet
569Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
AD8664ARUZ AD-AD8664ARUZ Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8664ARUZ AD-AD8664ARUZ Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
More results


Similar Description - AD8664

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
10/04-Revision 0
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
ADA4891-1 AD-ADA4891-1 Datasheet
653Kb / 24P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. B
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4891-1ARJZ AD-ADA4891-1ARJZ Datasheet
417Kb / 20P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. A
logo
Texas Instruments
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4891-1 AD-ADA4891-1_17 Datasheet
704Kb / 24P
Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com