Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX2579YGW Datasheet (PDF) - LUMEX INC.

SSL-LX2579YGW Datasheet PDF - LUMEX INC.
Part # SSL-LX2579YGW
Download  SSL-LX2579YGW Download
File Size   91.34 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 2mm X 5mm Rectangular LED

SSL-LX2579YGW Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX2579YGW Datasheet PDF - LUMEX INC.

Part # SSL-LX2579YGW
Download  SSL-LX2579YGW Click to download

File Size   91.34 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 2mm X 5mm Rectangular LED

SSL-LX2579YGW Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX2579YGW

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX2579GIW LUMEX-SSL-LX2579GIW Datasheet
214Kb / 1P
2x5mm RECTANGULAR LED, 565/627nm GREEN(GaP)/RED(GaAsP/GaP), MILKY WHITE DIFFUSED.
SSL-LX2579IGW LUMEX-SSL-LX2579IGW Datasheet
91Kb / 1P
2mm X 5mm Rectangular LED
SSL-LX2579SISUGWCA LUMEX-SSL-LX2579SISUGWCA Datasheet
90Kb / 1P
SUPER INTENSITY
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
2mm X 5mm Rectangular LED
More results


Similar Description - SSL-LX2579YGW

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX2573GHW LUMEX-SSL-LX2573GHW Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2573HGW LUMEX-SSL-LX2573HGW Datasheet
53Kb / 1P
2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2573ID-5V LUMEX-SSL-LX2573ID-5V Datasheet
64Kb / 1P
QUASARBRITE 2mm X 5mm RECTANGULAR LED
SSL-LX2573ID-BL9 LUMEX-SSL-LX2573ID-BL9 Datasheet
52Kb / 1P
2mm X 5mm RECTANGULAR RED LED
SSL-LX2573IGW LUMEX-SSL-LX2573IGW Datasheet
67Kb / 1P
2MM X 5MM RECTANGULAR BICOLOR LED
SSL-LX2573SRSGW LUMEX-SSL-LX2573SRSGW Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2577GIW LUMEX-SSL-LX2577GIW Datasheet
51Kb / 1P
2mm X 5mm Rectangular BICOLOR LED
SSL-LX2577IGW LUMEX-SSL-LX2577IGW Datasheet
49Kb / 1P
2mm X 5mm Rectangular BICOLOR LED
SSL-LX2579IGW LUMEX-SSL-LX2579IGW Datasheet
91Kb / 1P
2mm X 5mm Rectangular LED
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
2mm X 5mm Rectangular LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com