Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7753 Datasheet (PDF) - Analog Devices

ADE7753 Datasheet PDF - Analog Devices
Part # ADE7753
Download  ADE7753 Download
File Size   449.02 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active and Apparent Energy Metering IC with di/dt sensor interface

ADE7753 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7753 Datasheet PDF - Analog Devices

Part # ADE7753
Download  ADE7753 Click to download

File Size   449.02 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active and Apparent Energy Metering IC with di/dt sensor interface

ADE7753 Datasheet (HTML) - Analog Devices


ADE7753 Product details

GENERAL DESCRIPTION
The ADE77531 features proprietary ADCs and DSP for high accuracy over large variations in environmental conditions and time. The ADE7753 incorporates two second-order 16-bit Σ-Δ ADCs, a digital integrator (on CH1), reference circuitry, temperature sensor, and all the signal processing required to perform active, reactive, and apparent energy measurements, line-voltage period measurement, and rms calculation on the voltage and current. The selectable on-chip digital integrator provides direct interface to di/dt current sensors such as Rogowski coils, eliminating the need for an external analog integrator and resulting in excellent long-term stability and precise phase matching between the current and voltage channels.

FEATURES
    High accuracy; supports IEC 60687/61036/61268 and IEC 62053-21/62053-22/62053-23
    On-chip digital integrator enables direct interface to current sensors with di/dt output
    A PGA in the current channel allows direct interface to shunts and current transformers
    Active, reactive, and apparent energy; sampled waveform; current and voltage rms
    Less than 0.1% error in active energy measurement over a dynamic range of 1000 to 1 at 25°C
    Positive-only energy accumulation mode available
    On-chip user programmable threshold for line voltage surge and SAG and PSU supervisory
    Digital calibration for power, phase, and input offset
    On-chip temperature sensor (±3°C typical)
    SPI® compatible serial interface
    Pulse output with programmable frequency
    Interrupt request pin (IRQ) and status register
    Reference 2.4 V with external overdrive capability
    Single 5 V supply, low power (25 mW typical)




Similar Part No. - ADE7753

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7753ARS AD-ADE7753ARS Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753ARSRL AD-ADE7753ARSRL Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753ARSZ AD-ADE7753ARSZ Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753ARSZRL AD-ADE7753ARSZRL Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
More results


Similar Description - ADE7753

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7759 AD-ADE7759 Datasheet
530Kb / 32P
Active Energy Metering IC with di/dt Sensor Interface
REV.0
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7753 AD-ADE7753_15 Datasheet
725Kb / 60P
Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
Active Energy Metering IC with Serial Interface
REV. 0
ADE7759 AD-ADE7759_15 Datasheet
466Kb / 36P
Active Energy Metering IC with di/dt Sensor Interface
REV. A
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com