Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5392BCP-3 Datasheet (PDF) - Analog Devices

AD5392BCP-3 Datasheet PDF - Analog Devices
Part # AD5392BCP-3
Download  AD5392BCP-3 Download
File Size   1319.11 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs

AD5392BCP-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5392BCP-3 Datasheet PDF - Analog Devices

Part # AD5392BCP-3
Download  AD5392BCP-3 Click to download

File Size   1319.11 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs

AD5392BCP-3 Datasheet (HTML) - Analog Devices


AD5392BCP-3 Product details

GENERAL DESCRIPTION
The AD5390/AD5391 are complete single-supply, 16-channel, 14-bit and 12-bit DACs, respectively. The AD5392 is a complete single-supply, 8-channel, 14-bit DAC. Devices are available both in 64-lead LFCSP and 52-lead LQFP packages. All channels have an on-chip output amplifier with rail-to-rail operation. All devices include an internal 1.25/2.5 V, 10 ppm/°C reference, an on-chip channel monitor function that multiplexes the analog outputs to a common MON_OUT pin for external monitoring, and an output amplifier boost mode that optimizes the output amplifier slew rate.

FEATURES
    AD5390: 16-channel, 14-bit voltage output DAC
    AD5391: 16-channel, 12-bit voltage output DAC
    AD5392: 8-channel, 14-bit voltage output DAC
    Guaranteed monotonic
    INL: ±1 LSB max (AD5391)
        ±3 LSB max (AD5390-5/AD5392-5)
        ±4 LSB max (AD5390-3/AD5392-3)
    On-chip 1.25 V/2.5 V, 10 ppm/°C reference
    Temperature range: −40°C to +85°C
    Rail-to-rail output amplifier
    Power-down mode
    Package types:
        64-lead LFCSP (9 mm × 9 mm)
        52-lead LQFP (10 mm × 10 mm)
    User interfaces:
        Serial SPI®-, QSPI™-, MICROWIRE™-, and DSP-compatible
        (featuring data readback)
        I2C®-compatible interface

INTEGRATED FUNCTIONS
    Channel monitor
    Simultaneous output update via LDAC
    Clear function to user-programmable code
    Amplifier boost mode to optimize slew rate
    User-programmable offset and gain adjust
    Toggle mode enables square wave generation
    Thermal monitor

APPLICATIONS
    Instrumentation and industrial control
    Power amplifier control
    Level setting (ATE)
    Control systems
    Microelectromechanical systems (MEMs)
    Variable optical attenuators (VOAs)
    Optical transceivers (MSA 300, XFP)




Similar Part No. - AD5392BCP-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5392BCP-3 AD-AD5392BCP-3 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
More results


Similar Description - AD5392BCP-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541 AD-AD5541 Datasheet
186Kb / 12P
5 V, Serial-Input Voltage-Output, 16-Bit DACs
AD5551 AD-AD5551 Datasheet
208Kb / 12P
5 V, Serial-Input Voltage-Output, 14-Bit DACs
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV.0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com