Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1501A Datasheet (PDF) - Anachip Corp

AP1501A Datasheet PDF - Anachip Corp
Part # AP1501A
Download  AP1501A Download
File Size   182.8 Kbytes
Page   11 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150Khz, 5A PWM Buck DC/DC Converter

AP1501A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1501A Datasheet PDF - Anachip Corp

Part # AP1501A
Download  AP1501A Click to download

File Size   182.8 Kbytes
Page   11 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150Khz, 5A PWM Buck DC/DC Converter

AP1501A Datasheet (HTML) - Anachip Corp


AP1501A Product details

General Description

The AP1501A series are monolithic IC that design for a step-down DC/DC converter, and own the

ability of driving a 5A load without additional transistor component. Due to reducing the number

of external component, the board space can be saved easily. The external shutdown function can

be controlled by logic level and then come into standby mode.



Features

-Output voltage: 3.3V, 5V, 12V and adjustable output version

-Adjustable version output voltage range, 1.23V to 37V+4%

-150Khz +15% fixed switching frequency

-Voltage mode non-synchronous PWM control

-Thermal-shutdown and current-limit protection

-ON/OFF shutdown control input

-Operating voltage can be up to 40V

-Output load current: 5A

-TO220-5L, TO220-5L(R) and TO263-5L packages

-Low power standby mode

-Built-in switching transistor on chip



Applications

-Simple High-efficiency step-down regulator

-On-card switching regulators

-Positive to negative converter




Similar Part No. - AP1501A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501A DIODES-AP1501A Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Anachip Corp
AP1501A-12K5 ANACHIP-AP1501A-12K5 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
AP1501A-12K5A ANACHIP-AP1501A-12K5A Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
More results


Similar Description - AP1501A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
150KHz, 5A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com