Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6VA5128 Datasheet (PDF) - List of Unclassifed Manufacturers

AS6VA5128 Datasheet PDF - List of Unclassifed Manufacturers
Part # AS6VA5128
Download  AS6VA5128 Download
File Size   151.45 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM

AS6VA5128 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS6VA5128 Datasheet PDF - List of Unclassifed Manufacturers

Part # AS6VA5128
Download  AS6VA5128 Click to download

File Size   151.45 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM

AS6VA5128 Datasheet (HTML) - List of Unclassifed Manufacturers


AS6VA5128 Product details

[Alliance]

Functional description
The AS6VA5128 is a low-power CMOS 4,194,304-bit Static Random Access Memory (SRAM) device organized as 524,288 words × 8 bits. It is designed for memory applications where slow data access, low power, and simple interfacing are desired.

Features
• AS6VA5128
• Intelliwatt™ active power circuitry
• Industrial and commercial temperature ranges available
• Organization: 524,288 words × 8 bits
• 2.7V to 3.3V at 55 ns
• Low power consumption: ACTIVE
    - 132 mW at 3.3V and 55 ns
• Low power consumption: STANDBY
    - 66 µW max at 3.3V
• 1.2V data retention
• Equal access and cycle times
• Easy memory expansion with CS, OE inputs
• Smallest footprint packages
    - 36(48)-ball FBGA
    - 32-pin TSOP I and TSOP II packages are available on Alliance AS6UB5128 product family (available January 2001)
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Similar Part No. - AS6VA5128

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6VA25616 ALSC-AS6VA25616 Datasheet
180Kb / 9P
2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
AS6VA25616-BC ALSC-AS6VA25616-BC Datasheet
180Kb / 9P
2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
AS6VA25616-BI ALSC-AS6VA25616-BI Datasheet
180Kb / 9P
2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
AS6VA25616-TC ALSC-AS6VA25616-TC Datasheet
180Kb / 9P
2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
AS6VA25616-TI ALSC-AS6VA25616-TI Datasheet
180Kb / 9P
2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
More results


Similar Description - AS6VA5128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
Low Power CMOS SRAM 512K X 8 Bits
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
3.3V 512K x 8 CMOS SRAM
AS6VA25616 ALSC-AS6VA25616 Datasheet
180Kb / 9P
2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
AS6WA5128 ALSC-AS6WA5128 Datasheet
146Kb / 9P
3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
512K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com