Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXOS Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

OCXOS Datasheet PDF - MICORO CRYSTAL SWITZERLAND
Part # OCXOS_16
Download  OCXOS Download
File Size   344.66 Kbytes
Page   3 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Sine wave output from 10 to 54MHz

OCXOS Datasheet (PDF)

Go To PDF Page Download Datasheet
OCXOS Datasheet PDF - MICORO CRYSTAL SWITZERLAND

Part # OCXOS_16
Download  OCXOS Click to download

File Size   344.66 Kbytes
Page   3 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Sine wave output from 10 to 54MHz

OCXOS Datasheet (HTML) - MICORO CRYSTAL SWITZERLAND




Similar Part No. - OCXOS_16

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOST MICROCRYSTAL-OCXOST_16 Datasheet
311Kb / 2P
Digital switching
More results


Similar Description - OCXOS_16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAC SCHURTER-FMAC Datasheet
623Kb / 4P
Sine wave output filter
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252 Datasheet
304Kb / 1P
Miniature SMD TCXO Clipped sine wave Output signal clipped sine wave
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
MICORO CRYSTAL SWITZERL...
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
Sine Wave Output 10 to 120MHz Low phase noise
SCOCXOS MICROCRYSTAL-SCOCXOS_16 Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
logo
EUROQUARTZ limited
EM47S EUROQUARTZ-EM47S Datasheet
174Kb / 1P
Clipped sine wave output SMD 6.4MHz to 40.0MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com