Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC861 Datasheet (PDF) - Micrel Semiconductor

MIC861 Datasheet PDF - Micrel Semiconductor
Part # MIC861
Download  MIC861 Download
File Size   173.46 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Teeny Ultra Low Power Op Amp Final Information

MIC861 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC861 Datasheet PDF - Micrel Semiconductor

Part # MIC861
Download  MIC861 Click to download

File Size   173.46 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Teeny Ultra Low Power Op Amp Final Information

MIC861 Datasheet (HTML) - Micrel Semiconductor


MIC861 Product details

General Description
The MIC861 is a rail-to-rail output, input common-mode to ground, operational amplifier in Teeny™ SC70 packaging. The MIC861 provides 400kHz gain-bandwidth product while consuming an incredibly low 4.6µA supply current.

Features
• Teeny™ SC70 packaging
• 400kHz gain-bandwidth product
• 650kHz, –3dB bandwidth
• 4.6µA supply current
• Rail-to-Rail output
• Ground sensing at input (common mode to GND)
• Drives large capactive loads (1000pF)
• Unity gain stable

Applications
• Portable equipment
• PDAs
• Pagers
• Cordless Phones
• Consumer Electronics




Similar Part No. - MIC861

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC861 MICREL-MIC861 Datasheet
1Mb / 11P
Teeny??Ultra-Low-Power Op Amp
logo
Microchip Technology
MIC861 MICROCHIP-MIC861 Datasheet
2Mb / 24P
Ultra-Low Power Operational Amplifier
02/28/20
logo
Micrel Semiconductor
MIC861BC5 MICREL-MIC861BC5 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC861YC5 MICREL-MIC861YC5 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC861YC5 MICREL-MIC861YC5 Datasheet
1Mb / 11P
Teeny??Ultra-Low-Power Op Amp
More results


Similar Description - MIC861

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
Teeny Ultra Low Power Op Amp
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
Dual Ultra Low Power 1.8V, 600kHz Op Amp
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp
logo
Micrel Semiconductor
MIC861 MICREL-MIC861_14 Datasheet
1Mb / 11P
Teeny??Ultra-Low-Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
Teeny??Ultra-Low Power Op Amp
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
Ultra-Low Power Op Amp
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com