Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C057V Datasheet (PDF) - Cypress Semiconductor

CY7C057V Datasheet PDF - Cypress Semiconductor
Part # CY7C057V
Download  CY7C057V Download
File Size   459.9 Kbytes
Page   23 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM

CY7C057V Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C057V Datasheet PDF - Cypress Semiconductor

Part # CY7C057V
Download  CY7C057V Click to download

File Size   459.9 Kbytes
Page   23 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM

CY7C057V Datasheet (HTML) - Cypress Semiconductor


CY7C057V Product details

Features
• True dual-ported memory cells which allow simultaneous
   access of the same memory location
• 16K x 36 organization (CY7C056V)
• 32K x 36 organization (CY7C057V)
• 0.25-micron CMOS for optimum speed/power
• High-speed access: 12/15/20 ns
• Low operating power
   — Active: ICC = 250 mA (typical)
   — Standby: ISB3 = 10 µA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 72 bits or more using Master/Slave
   Chip Select when using more than one device
• On-Chip arbitration logic
• Semaphores included to permit software handshaking
   between ports
• INT flag for port-to-port communication
• Byte Select on Left Port
• Bus Matching on Right Port
• Depth Expansion via dual chip enables
• Pin select for Master or Slave
• Commercial and Industrial Temperature Ranges
• Compact package
   — 144-Pin TQFP (20 x 20 x 1.4 mm)
   — 172-Ball BGA (1.0-mm pitch) (15 x 15 x.51 mm)




Similar Part No. - CY7C057V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057V CYPRESS-CY7C057V Datasheet
695Kb / 23P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-12AC CYPRESS-CY7C057V-12AC Datasheet
695Kb / 23P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-12AC CYPRESS-CY7C057V-12AC Datasheet
719Kb / 26P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
695Kb / 23P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-12AXC CYPRESS-CY7C057V-12AXC Datasheet
719Kb / 26P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results


Similar Description - CY7C057V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com