Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23C Datasheet (PDF) - Vishay Siliconix

BAV23C Datasheet PDF - Vishay Siliconix
Part # BAV23C
Download  BAV23C Download
File Size   98.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Switching Diode, Dual

BAV23C Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV23C Datasheet PDF - Vishay Siliconix

Part # BAV23C
Download  BAV23C Click to download

File Size   98.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Switching Diode, Dual

BAV23C Datasheet (HTML) - Vishay Siliconix


BAV23C Product details

FEATURES
• Silicon epitaxial planar diode
• Fast switching dual diode with common
   cathode
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial
   grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

MECHANICAL DATA
   Case: SOT-23
   Weight: approx. 8.8 mg
   Packaging codes / options:
   18/10K per 13" reel (8 mm tape), 10K/box
   08/3K per 7" reel (8 mm tape), 15K/box




Similar Part No. - BAV23C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23C DIODES-BAV23C Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23C DIODES-BAV23C Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
SeCoS Halbleitertechnol...
BAV23C SECOS-BAV23C Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
logo
NXP Semiconductors
BAV23C NXP-BAV23C Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Micro Commercial Compon...
BAV23C MCC-BAV23C Datasheet
223Kb / 3P
350mW Small Signal Diode
More results


Similar Description - BAV23C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
Small Signal Switching Diode, Dual
09-Mar-06
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
Small Signal Switching Diode, Dual
12-Aug-10
BAV99-V VISHAY-BAV99-V_12 Datasheet
102Kb / 4P
Small Signal Switching Diode, Dual
12-Aug-10
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
Small Signal Switching Diode, Dual
09-Jul-04
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
Small Signal Switching Diode, Dual
17-May-13
BAV70-G VISHAY-BAV70-G Datasheet
91Kb / 4P
Small Signal Switching Diode, Dual
16-May-13
MMBD7000 VISHAY-MMBD7000 Datasheet
77Kb / 3P
Small Signal Switching Diode, Dual
15-May-13
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
Small Signal Switching Diode, Dual
13-Feb-18
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
Small Signal Switching Diode, Dual
13-Feb-18
BAV23C-G VISHAY-BAV23C-G_V01 Datasheet
110Kb / 5P
Small Signal Switching Diode, Dual
13-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com